Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 94 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 90Page - Texas Instruments AM68AX Datasheet HTML 91Page - Texas Instruments AM68AX Datasheet HTML 92Page - Texas Instruments AM68AX Datasheet HTML 93Page - Texas Instruments AM68AX Datasheet HTML 94Page - Texas Instruments AM68AX Datasheet HTML 95Page - Texas Instruments AM68AX Datasheet HTML 96Page - Texas Instruments AM68AX Datasheet HTML 97Page - Texas Instruments AM68AX Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 251 page
background image
Table 6-116. Power Supply Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
VDDSHV2
PWR
IO Power Supply
M20, R20
VDDSHV2_MCU
PWR
IO Power Supply
G18, H18
VDDSHV5
PWR
IO Power Supply
M21, N22
VDDS_DDR
PWR
DDR PHY IO Supply
A1, A18, AA1, G10, G12,
G14, G6, H11, H13, H15,
J6, L6, N6, N9, P7, P8,
R6, U9
VDDS_DDR_C0
PWR
IO Power Supply for DDR Clock
R9
VDDS_DDR_C1
PWR
IO Power Supply for DDR Clock
J12
VDDS_MMC0
PWR
MMC0 PHY IO Supply
Y7, Y8
VDD_CORE
PWR
MAIN domain core Supply
AA21, AB20, J13, J15,
M16, M19, N10, P18,
R17, R19, T10, T20, U15,
U17, U8, V14, V18, V20,
V7, V9, W10, W13, W15,
W17, W19, W21, W8,
Y12, Y22, Y9
VDD_CPU
PWR
CPU core Supply
G8, H7, J8, K11, K13, K7,
K9, L8, M14, M7, M9, N11,
N15, P16, R13, R15, T12,
T14, U11, U13
VDD_MCU
PWR
MCU core Supply
K16, K18, L15, L17, L19
VDD_MCU_WAKE1
PWR
Core Supply for MCU daisy chain
J19
VDD_WAKE0
PWR
Core Supply for MAIN domain daisy chain
P20
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
94
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com