Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 88 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 84Page - Texas Instruments AM68AX Datasheet HTML 85Page - Texas Instruments AM68AX Datasheet HTML 86Page - Texas Instruments AM68AX Datasheet HTML 87Page - Texas Instruments AM68AX Datasheet HTML 88Page - Texas Instruments AM68AX Datasheet HTML 89Page - Texas Instruments AM68AX Datasheet HTML 90Page - Texas Instruments AM68AX Datasheet HTML 91Page - Texas Instruments AM68AX Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 251 page
background image
Table 6-102. MMC0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MMC0_DAT7(2)
IO
MMC/SD/SDIO Data
AG1
(1)
An external 10 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
An external pull-up of 10 kΩ ~ 50 kΩ ±1% resistor, as specified in the specification, must be connected to this ball to ensure proper
operation.
Table 6-103. MMC1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MMC1_CLK(1)
IO
MMC/SD/SDIO Clock
P23
MMC1_CMD
IO
MMC/SD/SDIO Command
N24
MMC1_SDCD(2)
I
SD Card Detect
AE25
MMC1_SDWP
I
SD Write Protect
AG25
MMC1_DAT0
IO
MMC/SD/SDIO Data
M23
MMC1_DAT1
IO
MMC/SD/SDIO Data
P24
MMC1_DAT2
IO
MMC/SD/SDIO Data
R24
MMC1_DAT3
IO
MMC/SD/SDIO Data
R22
(1)
For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG171 register should be set to 0x1 because
of retiming purposes.
(2)
For ROM boot from MMC1 interface to work properly, the MMC1_SDCD pin should be pulled low externally with a resistor to indicated
an SD Card/Memory device is present.
6.3.27 OSPI
6.3.27.1 MCU Domain
Table 6-104. MCU_OSPI0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_OSPI0_CLK
O
OSPI Clock
D19
MCU_OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock Input
E18
MCU_OSPI0_ECC_FAIL
I
OSPI ECC Status
B19, F17
MCU_OSPI0_LBCLKO
IO
OSPI Loopback Clock Output
E20
MCU_OSPI0_CSn0
O
OSPI Chip Select 0 (active low)
F15
MCU_OSPI0_CSn1
O
OSPI Chip Select 1 (active low)
G17
MCU_OSPI0_CSn2
O
OSPI Chip Select 2 (active low)
B20, F14
MCU_OSPI0_CSn3
O
OSPI Chip Select 3 (active low)
B19, F17
MCU_OSPI0_D0
IO
OSPI Data 0
C19
MCU_OSPI0_D1
IO
OSPI Data 1
F16
MCU_OSPI0_D2
IO
OSPI Data 2
G15
MCU_OSPI0_D3
IO
OSPI Data 3
F18
MCU_OSPI0_D4
IO
OSPI Data 4
E19
MCU_OSPI0_D5
IO
OSPI Data 5
G19
MCU_OSPI0_D6
IO
OSPI Data 6
F19
MCU_OSPI0_D7
IO
OSPI Data 7
F20
MCU_OSPI0_RESET_OUT0
O
OSPI Reset
B20, F14
MCU_OSPI0_RESET_OUT1
O
OSPI Reset
C21, F17
Table 6-105. MCU_OSPI1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_OSPI1_CLK
O
OSPI Clock
A19
MCU_OSPI1_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock Input
B19
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
88
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com