Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 77 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 77 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 73Page - Texas Instruments AM68AX Datasheet HTML 74Page - Texas Instruments AM68AX Datasheet HTML 75Page - Texas Instruments AM68AX Datasheet HTML 76Page - Texas Instruments AM68AX Datasheet HTML 77Page - Texas Instruments AM68AX Datasheet HTML 78Page - Texas Instruments AM68AX Datasheet HTML 79Page - Texas Instruments AM68AX Datasheet HTML 80Page - Texas Instruments AM68AX Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 251 page
background image
Table 6-79. EPWM5 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
EHRPWM5_A
IO
EHRPWM Output A
AA28, P23
EHRPWM5_B
IO
EHRPWM Output B
U26
6.3.14 USB
6.3.14.1 MAIN Domain
Table 6-80. USB0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
USB0_DM
IO
USB 2.0 Differential Data (negative)
AG2
USB0_DP
IO
USB 2.0 Differential Data (positive)
AH2
USB0_DRVVBUS
O
USB VBUS Control Output (active high)
AG25, T25, V23
USB0_ID
A
USB 2.0 Dual-Role Device Role Select
AC9
USB0_RCALIB(1)
A
Pin to connect to calibration resistor
AA6
USB0_VBUS(2)
A
USB Level-shifted VBUS Detector
AA8
USB0_SSRX1N
I
SERDES_USB Differential Receive Data (negative)
AF6, AF9
USB0_SSRX1P
I
SERDES_USB Differential Receive Data (positive)
AF10, AF7
USB0_SSRX2N
I
SERDES_USB Differential Receive Data (negative)
AE5, AE8
USB0_SSRX2P
I
SERDES_USB Differential Receive Data (positive)
AE6, AE9
USB0_SSTX1N
O
SERDES_USB Differential Transmit Data (negative)
AG5, AH7
USB0_SSTX1P
O
SERDES_USB Differential Transmit Data (positive)
AG6, AH8
USB0_SSTX2N
O
SERDES_USB Differential Transmit Data (negative)
AD7, AG8
USB0_SSTX2P
O
SERDES_USB Differential Transmit Data (positive)
AD8, AG9
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see USB VBUS Design
Guidelines.
6.3.15 Display Port
6.3.15.1 MAIN Domain
Table 6-81. DP0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
DP0_AUXN
IO
Display Port Differential Auxiliary Data (negative)
AG11
DP0_AUXP
IO
Display Port Differential Auxiliary Data (positive)
AF11
DP0_HPD
I
Display Port Hot Plug Detection
AA24
DP0_TXN0
O
Display Port Differential Transmit (negative)
AG5, AH7
DP0_TXN1
O
Display Port Differential Transmit (negative)
AD7, AG8
DP0_TXN2
O
Display Port Differential Transmit (negative)
AG5
DP0_TXN3
O
Display Port Differential Transmit (negative)
AD7
DP0_TXP0
O
Display Port Differential Transmit (positive)
AG6, AH8
DP0_TXP1
O
Display Port Differential Transmit (positive)
AD8, AG9
DP0_TXP2
O
Display Port Differential Transmit (positive)
AG6
DP0_TXP3
O
Display Port Differential Transmit (positive)
AD8
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com