Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 46 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 46 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 42Page - Texas Instruments AM68AX Datasheet HTML 43Page - Texas Instruments AM68AX Datasheet HTML 44Page - Texas Instruments AM68AX Datasheet HTML 45Page - Texas Instruments AM68AX Datasheet HTML 46Page - Texas Instruments AM68AX Datasheet HTML 47Page - Texas Instruments AM68AX Datasheet HTML 48Page - Texas Instruments AM68AX Datasheet HTML 49Page - Texas Instruments AM68AX Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
AH11
PCIE_REFCLK1_P_OUT
PCIE_REFCLK1_P_OUT
O
1.8 V
VDDA_0P8_SE
RDES0_1 /
VDDA_0P8_SE
RDES_C0_1 /
VDDA_1P8_SE
RDES0_1
4L_PHY
G26
PMIC_POWER_EN1
PADCFG:
WKUP_PADCONFIG_68
0x4301C110
PMIC_POWER_EN1
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_I3C0_SDAPULLEN
5
OD
WKUP_GPIO0_88
7
IO
AD24
PMIC_WAKE0n
PADCFG:
PADCONFIG_13
0x4301C034
PMIC_WAKE0n
0
OD
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2
LVCMOS
No
MCASP4_AXR0
1
IO
DSS_FSYNC1
4
O
MCAN17_RX
5
I
GPMC0_WEn
6
O
GPIO0_13
7
IO
SPI6_CS0
8
IO
TRC_DATA0
10
O
UART9_RTSn
11
O
UART7_TXD
13
O
AUDIO_EXT_REFCLK0
14
IO
K23
PORz
PADCFG:
WKUP_PADCONFIG_94
0x4301C178
PORz
0
I
1.8 V
0
VDDA_WKUP
FS_RESET
No
AF27
RESETSTATz
PADCFG:
PADCONFIG_67
0x4301C10C
RESETSTATz
0
O
1.8 V/3.3 V
Off / Low / Off
Off / SS / Off
0
VDDSHV0
LVCMOS
No
A24
RESET_REQz
PADCFG:
WKUP_PADCONFIG_93
0x4301C174
RESET_REQz
0
I
1.8 V/3.3 V
On / Off / Up
On / Off / Up
0
VDDSHV0_MC
U
LVCMOS
No
AH4
SERDES0_REFCLK_N
SERDES0_REFCLK_N
0
IO
1.8 V
VDDA_0P8_SE
RDES0_1 /
VDDA_0P8_SE
RDES_C0_1 /
VDDA_1P8_SE
RDES0_1
4L_PHY
AH5
SERDES0_REFCLK_P
SERDES0_REFCLK_P
0
IO
1.8 V
VDDA_0P8_SE
RDES0_1 /
VDDA_0P8_SE
RDES_C0_1 /
VDDA_1P8_SE
RDES0_1
4L_PHY
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com