Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 43 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 43 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 39Page - Texas Instruments AM68AX Datasheet HTML 40Page - Texas Instruments AM68AX Datasheet HTML 41Page - Texas Instruments AM68AX Datasheet HTML 42Page - Texas Instruments AM68AX Datasheet HTML 43Page - Texas Instruments AM68AX Datasheet HTML 44Page - Texas Instruments AM68AX Datasheet HTML 45Page - Texas Instruments AM68AX Datasheet HTML 46Page - Texas Instruments AM68AX Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
B27
MCU_SPI0_CLK
PADCFG:
WKUP_PADCONFIG_40
0x4301C0A0
MCU_SPI0_CLK
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
WKUP_GPIO0_54
7
IO
MCU_BOOTMODE00
BOOTST
RAP
I
B26
MCU_SPI0_CS0
PADCFG:
WKUP_PADCONFIG_43
0x4301C0AC
MCU_SPI0_CS0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_TIMER_IO1
4
IO
WKUP_GPIO0_70
7
IO
D24
MCU_SPI0_D0
PADCFG:
WKUP_PADCONFIG_41
0x4301C0A4
MCU_SPI0_D0
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
WKUP_GPIO0_55
7
IO
MCU_BOOTMODE01
BOOTST
RAP
I
B25
MCU_SPI0_D1
PADCFG:
WKUP_PADCONFIG_42
0x4301C0A8
MCU_SPI0_D1
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_TIMER_IO0
4
IO
WKUP_GPIO0_69
7
IO
MCU_BOOTMODE02
BOOTST
RAP
I
AF1
MMC0_CALPAD
MMC0_CALPAD
A
1.8 V
VDDS_MMC0
eMMCPHY
No
AC6
MMC0_CLK
MMC0_CLK
O
1.8 V
VDDS_MMC0
eMMCPHY
No
AF2
MMC0_CMD
MMC0_CMD
IO
1.8 V
VDDS_MMC0
eMMCPHY
No
AE3
MMC0_DS
MMC0_DS
IO
1.8 V
VDDS_MMC0
eMMCPHY
No
P23
MMC1_CLK
PADCFG:
PADCONFIG_65
0x4301C104
MMC1_CLK
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV5
SDIO
No
UART8_RXD
1
I
TIMER_IO6
3
IO
EHRPWM2_B
4
IO
UART4_CTSn
5
I
EHRPWM5_A
6
IO
GPIO0_64
7
IO
SPI1_CLK
8
IO
UART0_RTSn
9
O
I2C6_SDA
10
IOD
MCAN15_TX
11
O
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com