Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 87 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 83Page - Texas Instruments AM68AX Datasheet HTML 84Page - Texas Instruments AM68AX Datasheet HTML 85Page - Texas Instruments AM68AX Datasheet HTML 86Page - Texas Instruments AM68AX Datasheet HTML 87Page - Texas Instruments AM68AX Datasheet HTML 88Page - Texas Instruments AM68AX Datasheet HTML 89Page - Texas Instruments AM68AX Datasheet HTML 90Page - Texas Instruments AM68AX Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 251 page
background image
Table 6-101. GPMC0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
GPMC0_AD8
IO
GPMC Data 8 Input/Output in A/D non-multiplexed
mode and additionally Address 9 Output in A/D
multiplexed mode
V27
GPMC0_AD9
IO
GPMC Data 9 Input/Output in A/D non-multiplexed
mode and additionally Address 10 Output in A/D
multiplexed mode
W27
GPMC0_AD10
IO
GPMC Data 10 Input/Output in A/D non-multiplexed
mode and additionally Address 11 Output in A/D
multiplexed mode
Y27
GPMC0_AD11
IO
GPMC Data 11 Input/Output in A/D non-multiplexed
mode and additionally Address 12 Output in A/D
multiplexed mode
AA27
GPMC0_AD12
IO
GPMC Data 12 Input/Output in A/D non-multiplexed
mode and additionally Address 13 Output in A/D
multiplexed mode
AA26
GPMC0_AD13
IO
GPMC Data 13 Input/Output in A/D non-multiplexed
mode and additionally Address 14 Output in A/D
multiplexed mode
AC27
GPMC0_AD14
IO
GPMC Data 14 Input/Output in A/D non-multiplexed
mode and additionally Address 15 Output in A/D
multiplexed mode
W28
GPMC0_AD15
IO
GPMC Data 15 Input/Output in A/D non-multiplexed
mode and additionally Address 16 Output in A/D
multiplexed mode
U28
GPMC0_BE0n_CLE
O
GPMC Lower-Byte Enable (active low) or Command
Latch Enable
R27
GPMC0_BE1n
O
GPMC Upper-Byte Enable (active low)
T27
GPMC0_CSn0
O
GPMC Chip Select 0 (active low)
AA28
GPMC0_CSn1
O
GPMC Chip Select 1 (active low)
Y25
GPMC0_CSn2
O
GPMC Chip Select 2 (active low)
T25, V23
GPMC0_CSn3
O
GPMC Chip Select 3 (active low)
AC24
GPMC0_WAIT0
I
GPMC External Indication of Wait
R28
GPMC0_WAIT1
I
GPMC External Indication of Wait
AB24
GPMC0_WAIT2
I
GPMC External Indication of Wait
AE28
GPMC0_WAIT3
I
GPMC External Indication of Wait
T28
6.3.26 MMC
6.3.26.1 MAIN Domain
Table 6-102. MMC0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MMC0_CALPAD(1)
A
MMC/SD/SDIO Calibration Resistor
AF1
MMC0_CLK
O
MMC/SD/SDIO Clock
AC6
MMC0_CMD(2)
IO
MMC/SD/SDIO Command
AF2
MMC0_DS
IO
MMC Data Strobe
AE3
MMC0_DAT0(2)
IO
MMC/SD/SDIO Data
AF4
MMC0_DAT1(2)
IO
MMC/SD/SDIO Data
AD3
MMC0_DAT2(2)
IO
MMC/SD/SDIO Data
AD4
MMC0_DAT3(2)
IO
MMC/SD/SDIO Data
AF3
MMC0_DAT4(2)
IO
MMC/SD/SDIO Data
AE2
MMC0_DAT5(2)
IO
MMC/SD/SDIO Data
AG3
MMC0_DAT6(2)
IO
MMC/SD/SDIO Data
AE1
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com