Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 3 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 3 Page - Texas Instruments

  AM68AX Datasheet HTML 1Page - Texas Instruments AM68AX Datasheet HTML 2Page - Texas Instruments AM68AX Datasheet HTML 3Page - Texas Instruments AM68AX Datasheet HTML 4Page - Texas Instruments AM68AX Datasheet HTML 5Page - Texas Instruments AM68AX Datasheet HTML 6Page - Texas Instruments AM68AX Datasheet HTML 7Page - Texas Instruments AM68AX Datasheet HTML 8Page - Texas Instruments AM68AX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 251 page
background image
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE
AM68A9x...ALZ
FCBGA (770)
23 mm × 23 mm
AM68A7x...ALZ
FCBGA (770)
23 mm × 23 mm
(1)
For more information, see the Mechanical, Packaging, and Orderable Information section.
3.1 Functional Block Diagram
is functional block diagram for the device.
Arm©
Cortex©-A72
Arm©
Cortex©-A72
1 MB Shared L2 Cache with ECC
C7x
C7+MMA
1 MB Shared L2 Cache with ECC
Application Cores
Deep Learning Accelerator (8 TOPS)
64KB TCM
64KB TCM
General Compute (MAIN Domain)
Device Management (MCU Domain)
512KB SRAM with ECC
Arm©
Cortex©-R5F
Arm©
Cortex©-R5F
Arm©
Cortex©-R5F
Arm©
Cortex©-R5F
1MB SRAM with ECC
MCU Channels with FFI
1-port Gb Ethernet w/ 1588
PCIe Gen 3 (4 Lane)
8x SPI
GPIO
11x UART
3x ePWM
18x CAN-FD
3x eCAP
8x I2C
3x eQEP
1x OSPI
1x QSPI
5x McASP
General Connectivity (MAIN)
1-port Gb Ethernet w/ 1588
GPIO
2x I2C
3x SPI
General Connectivity (MCU Domain)
Security
Device/Power
Manager
System Services
NAVSS/DMA
Debug
Firewall
IPC
ECC
Timers
Secure Boot
System Monitor
DCC
ESM
1x UART
2x CAN-FD
2x ADC
HSM
(Secure Boot)
SHA
MD5
PKA
AES
DRBG
TRNG
SMS
1x USB3.0/2.0
Multimedia
H.264/H.265 Video Codec
3D GPU
(BXS 4-64)
2x CSI2 TX
2x CSI2 RX
VPAC
Display SS
eDP + 2x DSI + 1x DPI
System Memory
4 MB MSMC
SRAM with ECC
GPMC
2x 32-b LPDDR4
with Inline ECC
2x MMCSD
Figure 3-1. Functional Block Diagram
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com