Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 84 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 80Page - Texas Instruments AM68AX Datasheet HTML 81Page - Texas Instruments AM68AX Datasheet HTML 82Page - Texas Instruments AM68AX Datasheet HTML 83Page - Texas Instruments AM68AX Datasheet HTML 84Page - Texas Instruments AM68AX Datasheet HTML 85Page - Texas Instruments AM68AX Datasheet HTML 86Page - Texas Instruments AM68AX Datasheet HTML 87Page - Texas Instruments AM68AX Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 251 page
background image
6.3.23 CPTS
6.3.23.1 MAIN Domain
Table 6-98. CPTS0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
CPTS0_RFT_CLK
I
CPTS Reference Clock
AB26
CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare
AF26
CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit
R24
CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push 1
AB26
CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push 2
AD28
6.3.23.2 MCU Domain
Table 6-99. MCU_CPTS0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_CPTS0_RFT_CLK
I
CPTS Reference Clock
F27, K26
MCU_CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare
H26
MCU_CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit
F24
MCU_CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push 1
E25
MCU_CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push 2
F28
6.3.24 DSS
6.3.24.1 MAIN Domain
Table 6-100. DSS0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
DSS_FSYNC0
O
Video Output Frame Sync
V26, W25
DSS_FSYNC1
O
Video Output Frame Sync
AC24, AD24
DSS_FSYNC2
O
Video Output Frame Sync
AE28
DSS_FSYNC3
O
Video Output Frame Sync
AF28
VOUT0_DE
O
Video Output Data Enable
AA28
VOUT0_EXTPCLKIN
I
Video Output External Pixel Clock Input
V26
VOUT0_HSYNC
O
Video Output Horizontal Sync
U26
VOUT0_PCLK
O
Video Output Pixel Clock Output
Y25
VOUT0_VSYNC
O
Video Output Vertical Sync
AD27
VOUT0_DATA0
O
Video Output Data 0
R28
VOUT0_DATA1
O
Video Output Data 1
R27
VOUT0_DATA2
O
Video Output Data 2
T27
VOUT0_DATA3
O
Video Output Data 3
U28
VOUT0_DATA4
O
Video Output Data 4
W28
VOUT0_DATA5
O
Video Output Data 5
AC27
VOUT0_DATA6
O
Video Output Data 6
AA26
VOUT0_DATA7
O
Video Output Data 7
AA27
VOUT0_DATA8
O
Video Output Data 8
Y27
VOUT0_DATA9
O
Video Output Data 9
W27
VOUT0_DATA10
O
Video Output Data 10
V27
VOUT0_DATA11
O
Video Output Data 11
AB27
VOUT0_DATA12
O
Video Output Data 12
Y26
VOUT0_DATA13
O
Video Output Data 13
AC28
VOUT0_DATA14
O
Video Output Data 14
U27
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
84
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com