Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 56 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 52Page - Texas Instruments AM68AX Datasheet HTML 53Page - Texas Instruments AM68AX Datasheet HTML 54Page - Texas Instruments AM68AX Datasheet HTML 55Page - Texas Instruments AM68AX Datasheet HTML 56Page - Texas Instruments AM68AX Datasheet HTML 57Page - Texas Instruments AM68AX Datasheet HTML 58Page - Texas Instruments AM68AX Datasheet HTML 59Page - Texas Instruments AM68AX Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
C23
WKUP_GPIO0_4
PADCFG:
WKUP_PADCONFIG_52
0x4301C0D0
MCU_MCAN1_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_MCAN1_TX
1
O
MCU_SPI0_CS3
2
IO
MCU_ADC_EXT_TRIGGER0
3
I
WKUP_GPIO0_4
7
IO
F26
WKUP_GPIO0_5
PADCFG:
WKUP_PADCONFIG_53
0x4301C0D4
MCU_MCAN1_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_MCAN1_RX
1
I
MCU_SPI1_CS3
2
IO
MCU_ADC_EXT_TRIGGER1
3
I
WKUP_GPIO0_5
7
IO
E25
WKUP_GPIO0_6
PADCFG:
WKUP_PADCONFIG_54
0x4301C0D8
WKUP_UART0_CTSn
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
WKUP_UART0_CTSn
1
I
MCU_CPTS0_HW1TSPUSH
2
I
MCU_I2C1_SCL
3
IOD
WKUP_GPIO0_6
7
IO
F28
WKUP_GPIO0_7
PADCFG:
WKUP_PADCONFIG_55
0x4301C0DC
WKUP_UART0_RTSn
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
WKUP_UART0_RTSn
1
O
MCU_CPTS0_HW2TSPUSH
2
I
MCU_I2C1_SDA
3
IOD
WKUP_GPIO0_7
7
IO
F24
WKUP_GPIO0_8
PADCFG:
WKUP_PADCONFIG_56
0x4301C0E0
MCU_I2C1_SCL
0
IOD
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_I2C1_SCL
1
IOD
MCU_CPTS0_TS_SYNC
2
O
MCU_I3C0_SCL
3
IO
MCU_TIMER_IO6
4
IO
WKUP_GPIO0_8
7
IO
H26
WKUP_GPIO0_9
PADCFG:
WKUP_PADCONFIG_57
0x4301C0E4
MCU_I2C1_SDA
0
IOD
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_I2C1_SDA
1
IOD
MCU_CPTS0_TS_COMP
2
O
MCU_I3C0_SDA
3
IO
MCU_TIMER_IO7
4
IO
WKUP_GPIO0_9
7
IO
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
56
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com