Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 82 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 78Page - Texas Instruments AM68AX Datasheet HTML 79Page - Texas Instruments AM68AX Datasheet HTML 80Page - Texas Instruments AM68AX Datasheet HTML 81Page - Texas Instruments AM68AX Datasheet HTML 82Page - Texas Instruments AM68AX Datasheet HTML 83Page - Texas Instruments AM68AX Datasheet HTML 84Page - Texas Instruments AM68AX Datasheet HTML 85Page - Texas Instruments AM68AX Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 251 page
background image
Table 6-91. MCASP0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCASP0_AXR14
IO
MCASP Serial Data (Input/Output)
U24
MCASP0_AXR15
IO
MCASP Serial Data (Input/Output)
AC25
Table 6-92. MCASP1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCASP1_ACLKR
IO
MCASP Receive Bit Clock
AA28
MCASP1_ACLKX
IO
MCASP Transmit Bit Clock
AA24
MCASP1_AFSR
IO
MCASP Receive Frame Sync
AD27
MCASP1_AFSX
IO
MCASP Transmit Frame Sync
V28
MCASP1_AXR0
IO
MCASP Serial Data (Input/Output)
T28
MCASP1_AXR1
IO
MCASP Serial Data (Input/Output)
V27
MCASP1_AXR2
IO
MCASP Serial Data (Input/Output)
W27
MCASP1_AXR3
IO
MCASP Serial Data (Input/Output)
AD26
MCASP1_AXR4
IO
MCASP Serial Data (Input/Output)
U25
Table 6-93. MCASP2 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCASP2_ACLKR
IO
MCASP Receive Bit Clock
AB25
MCASP2_ACLKX
IO
MCASP Transmit Bit Clock
Y27
MCASP2_AFSR
IO
MCASP Receive Frame Sync
T23
MCASP2_AFSX
IO
MCASP Transmit Frame Sync
AA27
MCASP2_AXR0
IO
MCASP Serial Data (Input/Output)
AA26
MCASP2_AXR1
IO
MCASP Serial Data (Input/Output)
AC27
MCASP2_AXR2
IO
MCASP Serial Data (Input/Output)
W28
MCASP2_AXR3
IO
MCASP Serial Data (Input/Output)
R28
MCASP2_AXR4
IO
MCASP Serial Data (Input/Output)
U24
Table 6-94. MCASP3 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCASP3_ACLKR
IO
MCASP Receive Bit Clock
AE27
MCASP3_ACLKX
IO
MCASP Transmit Bit Clock
AE27
MCASP3_AFSR
IO
MCASP Receive Frame Sync
AF26
MCASP3_AFSX
IO
MCASP Transmit Frame Sync
AF26
MCASP3_AXR0
IO
MCASP Serial Data (Input/Output)
AH27
MCASP3_AXR1
IO
MCASP Serial Data (Input/Output)
AG26
MCASP3_AXR2
IO
MCASP Serial Data (Input/Output)
AH26
Table 6-95. MCASP4 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCASP4_ACLKR
IO
MCASP Receive Bit Clock
T25
MCASP4_ACLKX
IO
MCASP Transmit Bit Clock
AD28
MCASP4_AFSR
IO
MCASP Receive Frame Sync
W24
MCASP4_AFSX
IO
MCASP Transmit Frame Sync
V26
MCASP4_AXR0
IO
MCASP Serial Data (Input/Output)
AD24
MCASP4_AXR1
IO
MCASP Serial Data (Input/Output)
U28
MCASP4_AXR2
IO
MCASP Serial Data (Input/Output)
AB26
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
82
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com