Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 102 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 98Page - Texas Instruments AM68AX Datasheet HTML 99Page - Texas Instruments AM68AX Datasheet HTML 100Page - Texas Instruments AM68AX Datasheet HTML 101Page - Texas Instruments AM68AX Datasheet HTML 102Page - Texas Instruments AM68AX Datasheet HTML 103Page - Texas Instruments AM68AX Datasheet HTML 104Page - Texas Instruments AM68AX Datasheet HTML 105Page - Texas Instruments AM68AX Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 251 page
background image
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME(2)
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDDA_TEMP_2
Analog supply for temperature sensor 2
1.71
1.8
1.89
V
VDDA_TEMP_3
Analog supply for temperature sensor 3
1.71
1.8
1.89
V
VDDA_TEMP_4
Analog supply for temperature sensor 4
1.71
1.8
1.89
V
VDDA_OSC1
Analog supply for HFOSC1
1.71
1.8
1.89
V
VDDA_*
Peak to Peak Noise for all VDDA inputs
25
mV
VDDS_DDR
(3)
DDR inteface power supply
1.06
1.1
1.15
V
VDDS_DDR_C0
IO power for DDR0 Memory Clock Bit (MCB) macro
1.06
1.1
1.15
V
VDDS_DDR_C1
IO power for DDR1 Memory Clock Bit (MCB) macro
1.06
1.1
1.15
V
VDDS_MMC0
MMC0 IO supply
1.71
1.8
1.89
V
VDDSHV0
IO supply for main domain
general
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV0_MCU
IO supply MCUSS general IO
group, and MCU and Main
domain warm reset pins
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV1_MCU(6)
IO supply for MCUSS IO group 1 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV2
IO supply for main domain IO
group 2
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV2_MCU
IO supply for MCUSS IO group 2 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV5
IO supply for main domain IO
group 5
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
USB0_VBUS
Voltage range for USB VBUS comparator input
0
See (7)
3.46
V
USB0_ID
Voltage range for the USB ID input
See (4)
V
VSS
Ground
0
V
TJ
Operating junction temperature
range
Automotive
-40
125
°C
Extended
-40
105
°C
Commercial
0
90
°C
(1)
The voltage at the device ball must never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, and so forth.
(2)
Refer to Power-On-Hour (POH) Limits for limitations.
(3)
VDDS_DDR is required to still be powered with LPDDR4 voltage ranges, even If DDR interface is unused.
(4)
This terminal is connected to analog circuits in the respective USB PHY. The circuit sources a known current while measuring the
voltage to determine if the terminal is connected to VSS with a resistance less than 10 Ω or greater than 100 kΩ. The terminal should
be connected to ground for USB host operation or open-circuit for USB peripheral operation, and should never be connected to any
external voltage source.
(5)
The AVS Voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the
VTM_DEVINFO_VDn. For information about VTM_DEVINFO_VDn Registers address, please refer to Voltage and Thermal Manager
section in the device TRM. The power supply should be adjustable over the ranges shown in the VDD_CPU AVS Range entry.
(6)
When DDR1 is used concurrently with either OSPI0 or Hyperbus, VDDSHV1_MCU is limited to 1.8V (3.3V mode not supported if
DDR1 is used in the system.)
(7)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see USB VBUS Design
Guidelines.
7.4 Power-On-Hour (POH) Limits
IP(1) (2) (3)
VOLTAGE DOMAIN
VOLTAGE (V)
(MAX)
FREQUENCY
(MHz) (MAX)
Tj(°C)
POH
All
100%
All
All Supported OPPs
Automotive -40°C to 125°C
(4)
20000
All
100%
All
All Supported OPPs
Extended -40°C to 105°C
100000
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
102
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com