Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 150 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 150 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 146Page - Texas Instruments AM68AX Datasheet HTML 147Page - Texas Instruments AM68AX Datasheet HTML 148Page - Texas Instruments AM68AX Datasheet HTML 149Page - Texas Instruments AM68AX Datasheet HTML 150Page - Texas Instruments AM68AX Datasheet HTML 151Page - Texas Instruments AM68AX Datasheet HTML 152Page - Texas Instruments AM68AX Datasheet HTML 153Page - Texas Instruments AM68AX Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 251 page
background image
7.10.5 Peripherals
7.10.5.1 ATL
The device contains ATL module that can be used for asynchronous sample rate conversion of audio. The ATL
calculates the error between two time bases, such as audio syncs, and optionally generates an averaged clock
using cycle stealing via software.
Note
For more information about ATL, see Audio Tracking Logic (ATL) section in Peripherals chapter in the
device TRM.
Table 7-25 represents ATL timing conditions.
Table 7-25. ATL Timing Conditions
PARAMETER
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
External reference CLK
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
Internal reference CLK
1
10
pF
Section 7.10.5.1.1, Section 7.10.5.1.2, Section 7.10.5.1.3, and Section 7.10.5.1.4 present timing requirements
and switching characteristics for ATL.
7.10.5.1.1 ATL_PCLK Timing Requirements
NO.
PARAMETER
MODE
MIN
MAX UNIT
D1
tc(pclk)
Cycle time, ATL_PCLK
External reference
CLK
5
ns
D2
tw(pclkL)
Pulse Duration, ATL_PCLK low
External reference
CLK
0.45 × M
(1) + 2.5
ns
D3
tw(pclkH)
Pulse Duration, ATL_PCLK high
External reference
CLK
0.45 × M
(1) + 2.5
ns
(1)
M = ATL_CLK[x] period
7.10.5.1.2 ATL_AWS[x] Timing Requirements
NO.
MODE
MIN
MAX UNIT
D4
tc(aws)
Cycle Time, ATL_AWS[x](3)
External reference
CLK
2 × M(1)
ns
D5
tw(awsL)
Pulse Duration, ATL_AWS[x](3) low
External reference
CLK
0.45 × A(2) + 2.5
ns
D6
tw(awsH)
Pulse Duration, ATL_AWS[x](3) high
External reference
CLK
0.45 × A(2) + 2.5
ns
(1)
M = ATL_CLK[x] period
(2)
A = ATL_AWS[x] period
(3)
x = 0 to 3
7.10.5.1.3 ATL_BWS[x] Timing Requirements
NO.
MODE
MIN
MAX UNIT
D7
tc(bws)
Cycle Time, ATL_BWS[x](3)
External reference
clock
2 × M(1)
ns
D8
tw(bwsL)
Pulse Duration, ATL_BWS[x] low(3)
External reference
clock
0.45 × B(2) + 2.5
ns
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
150
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com