Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 166 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 162Page - Texas Instruments AM68AX Datasheet HTML 163Page - Texas Instruments AM68AX Datasheet HTML 164Page - Texas Instruments AM68AX Datasheet HTML 165Page - Texas Instruments AM68AX Datasheet HTML 166Page - Texas Instruments AM68AX Datasheet HTML 167Page - Texas Instruments AM68AX Datasheet HTML 168Page - Texas Instruments AM68AX Datasheet HTML 169Page - Texas Instruments AM68AX Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 251 page
background image
–
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME,
RD/WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/
WROFFTIME, OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND,
TIMEOUTSTARTVALUE, WRDATAONADMUXBUS)
(4)
For 100 MHz:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 01 = MAIN_PLL2_HSDIV1_CLKOUT / 3
For 133 MHz:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 00 = MAIN_PLL0_HSDIV3_CLKOUT
7.10.5.10.1.2 GPMC and NOR Flash Switching Characteristics – Synchronous Mode
NO.(2) PARAMETER
DESCRIPTION
MODE(19)
MIN
MAX
MIN
MAX UNI
T
100 MHz(20)
133 MHz(20)
F0
tc(clk)
Period, output clock GPMC_CLK(18)
div_by_1_mode;
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
10
7.52
ns
F1
tw(clkH)
Typical pulse duration, output clock
GPMC_CLK high
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
0.475*P
(15)- 0.3
0.475*P
(15)- 0.3
ns
F1
tw(clkL)
Typical pulse duration, output clock
GPMC_CLK low
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
0.475*P
(15)- 0.3
0.475*P
(15)- 0.3
ns
F2
td(clkH-csnV)
Delay time, output clock GPMC_CLK rising
edge to output chip select GPMC_CSn[i]
transition(14)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
no extra_delay
F(6)- 2.2
F+3.75 F(6)- 2.2
F(6)+
3.75
ns
F3
td(clkH-CSn[i]V)
Delay time, output clock GPMC_CLK rising
edge to output chip select GPMC_CSn[i]
invalid(14)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
no extra_delay
E(5)- 2.2
E(5)+
3.75
E(5)- 2.2
E(5)+
3.75
ns
F4
td(aV-clk)
Delay time, output address GPMC_A[27:1]
valid to output clock GPMC_CLK first edge
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
B(2)-2.3 B(2)+4.5
B(2)-2.3 B(2)+4.5 ns
F5
td(clkH-aIV)
Delay time, output clock GPMC_CLK rising
edge to output address GPMC_A[27:1]
invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
–2.3
4.5
–2.3
4.5 ns
F6
td(be[x]nV-clk)
Delay time, output lower byte enable and
command latch enable GPMC_BE0n_CLE,
output upper byte enable GPMC_BE1n
valid to output clock GPMC_CLK first edge
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
B(2)-2.3 B(2)+1.9
B(2)-2.3 B(2)+1.9 ns
F7
td(clkH-be[x]nIV)
Delay time, output clock GPMC_CLK rising
edge to output lower byte enable and
command latch enable GPMC_BE0n_CLE,
output upper byte enable GPMC_BE1n
invalid(11)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
D(4)-2.3 D(4)+1.9
D(4)-2.3 D(4)+1.9 ns
F7
td(clkL-be[x]nIV)
Delay time, GPMC_CLK falling edge
to GPMC_BE0n_CLE, GPMC_BE1n
invalid(12)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
D(4)-2.3 D(4)+1.9
D(4)-2.3 D(4)+1.9 ns
F7
td(clkL-be[x]nIV).
Delay time, GPMC_CLK falling edge
to GPMC_BE0n_CLE, GPMC_BE1n
invalid(13)
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULA
RITY_X1
D(4)-2.3 D(4)+1.9
D(4)-2.3 D(4)+1.9 ns
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
166
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com