Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 207 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 207 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 203Page - Texas Instruments AM68AX Datasheet HTML 204Page - Texas Instruments AM68AX Datasheet HTML 205Page - Texas Instruments AM68AX Datasheet HTML 206Page - Texas Instruments AM68AX Datasheet HTML 207Page - Texas Instruments AM68AX Datasheet HTML 208Page - Texas Instruments AM68AX Datasheet HTML 209Page - Texas Instruments AM68AX Datasheet HTML 210Page - Texas Instruments AM68AX Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 251 page
background image
7.10.5.17.1.3 High Speed DDR Mode
Table 7-63, Figure 7-81, Table 7-64, and Figure 7-82 present timing requirements and switching characteristics
for MMC0 – High Speed DDR Mode.
Table 7-63. MMC0 Timing Requirements – High Speed DDR Mode
see Figure 7-81
NO.
MIN
MAX
UNIT
HSDDR1
tsu(cmdV-clkH)
Setup time, MMC0_CMD valid before MMC0_CLK rising edge
3.79
ns
HSDDR2
th(clkH-cmdV)
Hold time, MMC0_CMD valid after MMC0_CLK rising edge
2.67
ns
HSDDR3
tsu(dV-clkV)
Setup time, MMC0_DAT[7:0] valid before MMC0_CLK transition
0.74
ns
HSDDR4
th(clkV-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK transition
1.67
ns
Figure 7-81. MMC0 – High Speed DDR Mode – Receive Mode
Table 7-64. MMC0 Switching Characteristics – High Speed DDR Mode
see Figure 7-82
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
50
MHz
HSDDR5
tc(clk)
Cycle time, MMC0_CLK
20
ns
HSDDR6
tw(clkH)
Pulse duration, MMC0_CLK high
9.2
ns
HSDDR7
tw(clkL)
Pulse duration, MMC0_CLK low
9.2
ns
HSDDR8
td(clkH-cmdV)
Delay time, MMC0_CLK rising edge to MMC0_CMD transition
3.4
9.8
ns
HSDDR9
td(clkV-dV)
Delay time, MMC0_CLK transition to MMC0_DAT[7:0] transition
2.9
6.85
ns
Figure 7-82. MMC0 – High Speed DDR Mode – Transmit Mode
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
207
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com