Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM68AX Datasheet(PDF) 243 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 243 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 239Page - Texas Instruments AM68AX Datasheet HTML 240Page - Texas Instruments AM68AX Datasheet HTML 241Page - Texas Instruments AM68AX Datasheet HTML 242Page - Texas Instruments AM68AX Datasheet HTML 243Page - Texas Instruments AM68AX Datasheet HTML 244Page - Texas Instruments AM68AX Datasheet HTML 245Page - Texas Instruments AM68AX Datasheet HTML 246Page - Texas Instruments AM68AX Datasheet HTML 247Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 251 page
background image
10.1.2 Device Naming Convention
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
Table 10-1. Nomenclature Description
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK(1)
Production
BBBBBB
Base production part
number
AM68A9
See Device Comparison,
AM68A7
r
Device revision
A
SR1.0
Z
Device Speed Grade
T
See Speed Grade Maximum Frequency.
N
H
OTHER
Alternate speed grade
f
Features
(see Device
Comparison)
G
Base, no additional Features
Y
Functional Safety(3)
G
Non-Functional Safety
y
Security
G
Non-Secure
Other
Secure
t
Temperature(2)
A
–40°C to 105°C - Extended Industrial (see Recommended Operation
Conditions)
H
0°C to 95°C - Commercial (see Recommended Operation Conditions)
I
–40°C to 125°C - Automotive (see Recommended Operation Conditions)
PPP
Package Designator
ALZ
FCBGA (770-pin; 23 mm x 23 mm)
Q1
Automotive Designator
Q1
Auto Qualified (Q100)
BLANK(1)
Standard
xxxxxxx
Lot Trace Code (LTC)
YYY
Production Code, For TI use only
ZZZ
Production Code, For TI use only
O
Pin one designator
G1
ECAT - Green package designator
(1)
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
(2)
Applies to device max junction temperature.
(3)
Functional Safety is not supported on this device family, if interested in this feature, please see the TDA4VE device family.
10.2 Tools and Software
The following products support development for TDA4VM platforms:
Development Tools
Code Composer Studio™ Integrated Development Environment Code Composer Studio (CCS) Integrated
Development Environment (IDE) is a development environment that supports TI's Microcontroller and Embedded
Processors portfolio. Code Composer Studio comprises a suite of tools used to develop and debug embedded
applications. It includes an optimizing C/C++ compiler, source code editor, project build environment, debugger,
profiler, and many other features. The intuitive IDE provides a single user interface taking you through each
step of the application development flow. Familiar tools and interfaces allow users to get started faster than ever
before. Code Composer Studio combines the advantages of the Eclipse software framework with advanced
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
243
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com