Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 3 Page - Texas Instruments

  TPS548C26 Datasheet HTML 1Page - Texas Instruments TPS548C26 Datasheet HTML 2Page - Texas Instruments TPS548C26 Datasheet HTML 3Page - Texas Instruments TPS548C26 Datasheet HTML 4Page - Texas Instruments TPS548C26 Datasheet HTML 5Page - Texas Instruments TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
37
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VOSNS
EN
BOOT
PHASE
PVIN
PVIN
PVIN
PVIN
PVIN
PGND
ILIM
PG
AVIN
VCC
VDRV
DNC
PGND
PGND
PGND
PGND
NC
Figure 5-1. RXX 37-pin WQFN-FCRLF Package (Top
View)
1
2
3
4
5
6
7
8
9
10
37
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
ILIM
PG
AVIN
VCC
VDRV
DNC
PGND
PGND
PGND
PGND
NC
VOSNS
EN
BOOT
PHASE
PVIN
PVIN
PVIN
PVIN
PVIN
PGND
Figure 5-2. RXX 37-pin WQFN-FCRLF Package
(Bottom View)
Table 5-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AGND
32
G
Ground pin, reference point for internal control circuitry.
AVIN
3
P
Supply rail for the internal VCC LDO. Connect a 1 μF, 25V ceramic capacitor to AGND to
bypass this pin.
BOOT
26
P
Supply rail for the high-side gate driver (boost terminal). Connect the bootstrap capacitor
from this pin to PHASE pin. A high temperature (X7R) 0.1 μF or greater value ceramic
capacitor is recommended.
DNC
6
—
Do Not Connect (DNC) pin. This pin is the output of internal circuitry and must be floating.
Pin 6 and pin 37 can be shorted together but NO any other PCB connection is allowed on
pin 6.
EN
27
I
Enable pin, an active-high input pin that, when asserted high, causes the converter to
begin the soft-start sequence for the output voltage rail. When de-asserted low, the
converter de-asserts PG pin and begins the shutdown sequence of the output voltage
rail and continue to completion.
FB
30
I
Positive input of the differential remote sense amplifier, connect to the center point of an
external voltage divider. The voltage divider must be connected to output remote sense
point.
GOSNS
31
I
Negative input of the differential remote sense circuit, connect to the ground sense point
on the load side.
ILIM
1
I
Overcurrent limit selection pin. Connect a resistor to AGND to select the overcurrent limit
threshold.
MODE
36
I
The MODE pin selects the switching frequency and sets the operation mode to FCCM or
DCM, by connecting a resistor to AGND.
SS
29
I
The SS pin selects the soft-start time, internal compensation and the fault response, by
connecting a resistor to AGND.
NC
33, 34, 35
—
No connection (NC) pin. There is no active circuit connected inside the IC. These pins can
be connected to ground plane or left open.
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com