Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 21Page - Texas Instruments TPS548C26 Datasheet HTML 22Page - Texas Instruments TPS548C26 Datasheet HTML 23Page - Texas Instruments TPS548C26 Datasheet HTML 24Page - Texas Instruments TPS548C26 Datasheet HTML 25Page - Texas Instruments TPS548C26 Datasheet HTML 26Page - Texas Instruments TPS548C26 Datasheet HTML 27Page - Texas Instruments TPS548C26 Datasheet HTML 28Page - Texas Instruments TPS548C26 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Load Current (A)
0
5
10
15
20
25
30
35
3.31
3.311
3.312
3.313
3.314
3.315
3.316
3.317
3.318
3.319
3.32
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VOUT = 3.3 V
No DC Load Line (DCLL)
Figure 8-8. Load Regulation, FCCM, Internal LDO
Load Current (A)
0
5
10
15
20
25
30
35
3.31
3.311
3.312
3.313
3.314
3.315
3.316
3.317
3.318
3.319
3.32
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VOUT = 3.3 V
No DC Load Line (DCLL)
Figure 8-9. Load Regulation, FCCM, External 5-V
Bias
Load Current (A)
0
5
10
15
20
25
30
35
3.31
3.311
3.312
3.313
3.314
3.315
3.316
3.317
3.318
3.319
3.32
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VOUT = 3.3 V
No DC Load Line (DCLL)
Figure 8-10. Load Regulation, DCM, Internal VCC
LDO
Load Current (A)
0
5
10
15
20
25
30
35
3.31
3.311
3.312
3.313
3.314
3.315
3.316
3.317
3.318
3.319
3.32
600 kHz
800 kHz
1.0 MHz
1.2 MHz
PVIN = 12 V
VOUT = 3.3 V
No DC Load Line (DCLL)
Figure 8-11. Load Regulation, DCM, External 5-V
Bias
Figure 8-12. ENABLE Start-Up Waveform, PVIN =
12 V, VOUT = 1.8 V
Figure 8-13. ENABLE Shutdown Waveform, PVIN =
12 V, VOUT = 1.8 V
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com