Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 5 Page - Texas Instruments

  TPS548C26 Datasheet HTML 1Page - Texas Instruments TPS548C26 Datasheet HTML 2Page - Texas Instruments TPS548C26 Datasheet HTML 3Page - Texas Instruments TPS548C26 Datasheet HTML 4Page - Texas Instruments TPS548C26 Datasheet HTML 5Page - Texas Instruments TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating junction temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Pin voltage
PVIN
–0.3
18
V
Pin voltage
AVIN
–0.3
18
V
Pin voltage
PVIN – SW, DC
–0.3
18
V
Pin voltage
PVIN – SW, transient < 10 ns
–1.5
26
V
Pin voltage
SW – PGND, DC
–0.3
18
V
Pin voltage
SW – PGND, transient < 10 ns
–3.0
21.5
V
Pin voltage
BOOT – PGND
–0.3
23.5
V
Pin voltage
BOOT – SW
–0.3
5.5
V
Pin voltage
VCC, VDRV
–0.3
5.5
V
Pin voltage
PHASE
–0.3
18
V
Pin voltage
EN, VOSNS, ILIM, MODE, SS, FB, PG
–0.3
5.5
V
Pin voltage
GOSNS – AGND
–0.3
0.3
V
Pin voltage
DNC, NC
–0.3
1.9
V
Sink current
PG
0
10
mA
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC
JS-001 (1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC
JS-002 (2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VOUT
Output voltage range
0.8
5.5
V
VIN
Input voltage
PVIN when VCC and VDRV are powered
by the internal LDO
4.0
16
V
PVIN when VCC and VDRV are powered
by an external 5 V bias
2.7
16
V
VIN
Input voltage
AVIN
4.0
16
V
VBIAS
Input voltage
VCC and VDRV external bias
4.75
5.3
V
IOUT
Output current range
35
A
Pin voltage
EN, PG
–0.1
5.3
V
IPG
Power good input current capability
10
mA
TJ
Operating junction temperature
–40
125
°C
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com