Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 4Page - Texas Instruments TPS548C26 Datasheet HTML 5Page - Texas Instruments TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments TPS548C26 Datasheet HTML 10Page - Texas Instruments TPS548C26 Datasheet HTML 11Page - Texas Instruments TPS548C26 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.5 Electrical Characteristics (continued)
TJ = –40°C to +125°C. PVIN = 4 V to 16 V, VVCC = 4.5 V to 5.0 V (unless otherwise noted). Typical values are at TJ = 25°C,
PVIN = 12 V and VVCC = 4.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILS(OCL)
Low-side valley overcurrent limit
(TPS548C26)
Valley current limit on LS FET, RILIM = 16.2
kΩ
23.4
26
28.6
A
ILS(OCL)
Low-side valley overcurrent limit
(TPS548C26)
Valley current limit on LS FET, RILIM = 21.5
kΩ
29.7
33
36.3
A
ILS(OCL)
Low-side valley overcurrent limit
(TPS548C26)
Valley current limit on LS FET, RILIM = 24.9
kΩ
35.1
39
42.9
A
ILS(NOC)
Low-side negative overcurrent limit
Sinking current limit on LS FET
–18
–16
–14
A
IZC
Zero-cross detection current threshold
ZC comparator threshold, enter DCM. PVIN
= 12 V, VVCC = 4.5 V
1200
mA
Response delay before entering Hiccup
16
20
µs
Hiccup sleep time before a restart
49
56
59
ms
OUTPUT OVP AND UVP
VOVF
VOUT Overvoltage-protection (OVP)
threshold
(VFB – VGOSNS) and rising
113.8%
118.8%
122.5%
OVF response delay
From OVF detection to the start of the NOC
operation
100
ns
VUVF
VOUT Undervoltage-protection (UVP)
threshold
(VFB – VGOSNS) and falling
70%
75%
80%
UVF response delay
From UVF detection to tri-state of the power
FETs
16
20
µs
TPS548C26
SLVSGM2 – MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com