Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 1 Page - Texas Instruments

  TPS548C26 Datasheet HTML 1Page - Texas Instruments TPS548C26 Datasheet HTML 2Page - Texas Instruments TPS548C26 Datasheet HTML 3Page - Texas Instruments TPS548C26 Datasheet HTML 4Page - Texas Instruments TPS548C26 Datasheet HTML 5Page - Texas Instruments TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential
Remote Sense
1 Features
• Integrated 4.0-mΩ and 1.0-mΩ MOSFETs for 35-A
continuous current operation
• Supports external 5-V bias improving efficiency
and enabling 2.7-V minimum input voltage
• 0.8-V to 5.5-V output voltage range
• Precision voltage reference and differential remote
sense for high output accuracy
– ±0.5% VOUT tolerance from 0°C to 85°C TJ
– ±1% VOUT tolerance from –40°C to 125°C TJ
• D-CAP+™ control topology with fast transient
response, supporting all ceramic output capacitors
• Selectable internal loop compensation through SS
pin
• Selectable cycle-by-cycle valley current limit
• Selectable operation frequency 0.6 MHz to 1.2
MHz with DCM or FCCM operation
• Safe start-up into pre-biased outputs
• Programmable soft-start time from 1 ms to 8 ms
• Open-drain power-good output (PG)
• Overcurrent, overvoltage, undervoltage,
overtemperature protections with selectable hiccup
or latch-off response
• 5-mm × 6-mm, 37-pin WQFN-FCRLF package
• TPS544C26 SVID/I2C converter in the same
package available
2 Applications
• Server and cloud-computing POLs
• Hardware accelerator
• Data center switches
3 Description
The TPS548C26 device is a highly integrated buck
converter with D-CAP+ control topology for the fast
transient response. Because external compensation is
not required, the device is easy to use and requires
few external components. The device is well-suited for
space-constrained data center applications.
The TPS548C26 device has true differential remote
sense,
high-performance
integrated
MOSFETs,
and an accurate ±1%, 0.8-V reference over
the full operating junction temperature range.
The device features fast load-transient response,
accurate load regulation and line regulation, skip-
mode or FCCM operation, and programmable soft-
start time. Overcurrent, overvoltage, undervoltage,
overtemperature
protections
are
provided
with
selectable hiccup or latch-off response.
The TPS548C26 device is a lead-free device and is
RoHS compliant without exemption.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TPS548C26
RXX (WQFN-FCRLF, 37) 5.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
PVIN
VCC
EN
PG
MODE
ILIM
SS
DNC
EN
Power Good
BOOT
SW
FB
GOSNS
V
OUT
V
IN
AGND
PGND
VDRV
PHASE
VOSNS
AVIN
NC
NC
NC
Load
NC
33
34
35
6
37
Simplified Schematic
Iout (A)
0
5
10
15
20
25
30
45
50
55
60
65
70
75
80
85
90
95
PVIN=12V
VOUT=1.1V
fSW=800kHz
Use the internal LDO
Use an external 5V bias
Typical Efficiency
TPS548C26
SLVSGM2 – MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS548C26

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54810 TI1-TPS54810 Datasheet
734Kb / 22P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI2-TPS54810 Datasheet
976Kb / 23P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT™)
REVISED FEBRUARY 2005
TPS54810PWP TI-TPS54810PWP Datasheet
214Kb / 15P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
More results

Similar Description - TPS548C26

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A28 TI1-TPS548A28 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A29 TI1-TPS548A29 Datasheet
2Mb / 46P
TPS548A29 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS548A28 TI1-TPS548A28_V01 Datasheet
2Mb / 48P
TPS548A28 2.7-V to 16-V Input, 15-A Synchronous Step-down Converter with Differential Remote Sense
TPS542A50 TI-TPS542A50 Datasheet
3Mb / 39P
TPS542A50 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense and I2C
TPS542A52 TI-TPS542A52 Datasheet
3Mb / 33P
TPS542A52 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense
TPSM8A29 TI-TPSM8A29 Datasheet
2Mb / 46P
TPSM8A29 2.7-V to 16-V Input, 15-A Buck Power Module with Differential Remote Sense
AUGUST 2021
TPSM8A28 TI-TPSM8A28 Datasheet
3Mb / 47P
TPSM8A28, TPSM8A29 2.7-V to 16-V Input, 12-A, 15-A Buck Power Modules with Differential Remote Sense
NOVEMBER 2021
TPS544C26 TI-TPS544C26 Datasheet
4Mb / 131P
TPS544C26 4-V to 16-V Input, 35-A Synchronous Buck Converter With SVID And I2C Interfaces
SEPTEMBER 2022
TPS54KB20 TI-TPS54KB20 Datasheet
1Mb / 34P
TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
MAY 2023
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com