Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 15Page - Texas Instruments TPS548C26 Datasheet HTML 16Page - Texas Instruments TPS548C26 Datasheet HTML 17Page - Texas Instruments TPS548C26 Datasheet HTML 18Page - Texas Instruments TPS548C26 Datasheet HTML 19Page - Texas Instruments TPS548C26 Datasheet HTML 20Page - Texas Instruments TPS548C26 Datasheet HTML 21Page - Texas Instruments TPS548C26 Datasheet HTML 22Page - Texas Instruments TPS548C26 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
7.3.15 Power Good
The TPS548C26 device offers a power-good output on PG pin, which asserts high when the converter output is
within the target. The PG output stays low when the switching is disabled by EN pin or insufficient PVIN level.
The PG output is an open-drain output and must be pulled up externally through a pull-up resistor (usually 10
kΩ). The recommended PG pull-up resistor value is from 1 kΩ to 100 kΩ.
The PG function is activated after VCC voltage level reaches the minimum VCC threshold for a valid PG output
(maximum 1.2V). When VCC is lower than 1.2V, the PG circuit does not have sufficient power supply and
the open-drain output is always high-Z. The power-good function is fully activated after the soft-start ramp is
completed and also the 1 ms PG delay expires.
7.4 Device Functional Modes
7.4.1 Forced Continuous-Conduction Mode
When the operation mode is set to FCCM, the controller operates in continuous conduction mode (CCM) during
light-load conditions. During CCM, the switching frequency maintained to an almost constant level over the entire
load range which is suitable for applications requiring tight control of the switching frequency at the cost of lower
efficiency.
When FCCM is selected, the TPS548C26 device operates at CCM during the whole soft-start period as well as
the nominal operation.
7.4.2 Auto-Skip Eco-mode Light Load Operation
When the operation mode is set to DCM, the device automatically reduces the switching frequency at light-load
conditions to maintain high efficiency. This section describes the operation in detail.
As the output current decreases from heavy load condition, the inductor current also decreases until the rippled
valley of the inductor current touches zero level. Zero level is the boundary between the continuous-conduction
and discontinuous-conduction modes. The synchronous MOSFET turns off when this zero inductor current
is detected. As the load current decreases further, the converter runs into discontinuous-conduction mode
(DCM). The on-time is maintained to a level approximately the same as during continuous-conduction mode
operation so that discharging the output capacitor with a smaller load current to the level of the reference voltage
requires more time. The transition point to the light-load operation IOUT(LL) (for example: the threshold between
continuous- and discontinuous-conduction mode) is calculated as shown in below equation.
( )
(
)
-
´
=
´
´ ´
IN
OUT
OUT
OUT LL
SW
IN
V
V
V
1
I
2
L
f
V
(2)
Where
• fSW is the switching frequency
TI recommends sing low ESR capacitors (such as ceramic capacitor) for skip-mode.
7.4.3 Powering the Device from a 12-V Bus
The device works well when powering from a 12-V bus with a single VIN configuration. As a single VIN
configuration, the internal LDO is powered by the 12-V bus and generates 4.5-V output to bias the internal
analog circuitry and also powers up the gate drives. The VIN input range under this configuration is 4 V to 16 V
for up to 35-A load current. Figure 7-1 shows an example for this single VIN configuration.
VIN and EN are the two signals to enable the part. For start-up sequence, any sequence between the VIN and EN
signals can power the device up correctly.
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com