Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 23Page - Texas Instruments TPS548C26 Datasheet HTML 24Page - Texas Instruments TPS548C26 Datasheet HTML 25Page - Texas Instruments TPS548C26 Datasheet HTML 26Page - Texas Instruments TPS548C26 Datasheet HTML 27Page - Texas Instruments TPS548C26 Datasheet HTML 28Page - Texas Instruments TPS548C26 Datasheet HTML 29Page - Texas Instruments TPS548C26 Datasheet HTML 30Page - Texas Instruments TPS548C26 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
(formed by pin 20 to pin 24) and at least nine times PGND vias on the thermal pad (underneath of the IC) is
important to minimize the extra impedance for the bottom layer bypass capacitors.
• Except the PGND vias underneath the thermal pad, at least four PGND vias are required to be placed as
close as possible to the PGND pin 7 to pin 10. At least two PGND vias are required to be placed as close as
possible to the PGND pin 19. This action minimizes PGND bounces and also lowers thermal resistance.
• Place the VDRV-to-PGND decoupling capacitor as close as possible to the device. TI recommends a 2.2-
µF/6.3 V/X7R/0603 or 4.7-µF/6.3 V/X6S/0603 ceramic capacitor. The voltage rating of this bypass capacitor
must be at least 6.3 V but no more than 10 V to lower ESR and ESL. The recommended capacitor size is
0603 to minimize the capacitance drop due to DC bias effect. Ensure the VDRV to PGND decoupling loop is
the smallest and ensure the routing trace is wide enough to lower impedance.
• As the input of VCC LDO, connect a 1-µF, 25-V rated ceramic capacitor to AGND for the bypassing of
the AVIN pin. TI recommends the 25-V rating is recommended but can be lowered to 16-V rating for an
application with tightly regulated 12-V input bus.
• Connect a 2.2-µF, 6.3-V (or 10 V) rated ceramic capacitor to AGND for the bypassing of the VCC pin. Placing
a 1-Ω resistor between the VCC pin and VDRV pin forms a RC filter on VCC pin, which greatly reduces the
noise impact from power stage driver circuit.
• For remote sensing, the connections from FB voltage divider resistors to the remote location must be a
pair of PCB traces with at least 12 mil trace width, and must implement Kelvin sensing across a high
bypass capacitor of 0.1 μF or higher on the sensing location. The ground connection of the remote sensing
signal must be connected to the GOSNS pin. The VOUT connection of the remote sensing signal must be
connected to the VOSNS pin and the top feedback resistor RFB_top. To maintain stable output voltage and
minimize the ripple, the pair of remote sensing lines must stay away from any noise sources such as inductor
and SW node, or high frequency clock lines. TI recommends to shield the pair of remote sensing lines with
ground planes above and below.
• For single-end sensing, connect the FB voltage divider resistors to a high-frequency local bypass capacitor of
0.1 μF or higher, and short GOSNS to AGND with shortest trace.
• The AGND pin 32 must be connected to a solid PGND plane. TI recommends to place AGND via close to
pin 32 to route AGND from top layer to bottom layer, and then connect the AGND trace to the PGND vias
(underneath IC) through either a net-tie or a 0-Ω resistor on the bottom layer.
• Connecting a resistor from pin 1 (ILIM) to AGND sets the OCL threshold. Connecting a resistor from pin
29 (SS) to AGND sets soft-start time, internal compensation, and fault response. Connecting a resistor from
pin 36 (MODE) to AGND sets the switching frequency and the operation mode. TI requires not to have any
capacitor on these 3 pins (ILIM, SS, and MODE). A capacitor on any of these 3 pins likely leads to a wrong
detection result.
• Pin 6 (DNC) is a Do-Not-Connect pin. Pin 6 can be shorted to pin 37, which is an NC pin (No internal
Connection). Do not connect pin 6 to any other net including ground.
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com