Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 5Page - Texas Instruments TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments TPS548C26 Datasheet HTML 10Page - Texas Instruments TPS548C26 Datasheet HTML 11Page - Texas Instruments TPS548C26 Datasheet HTML 12Page - Texas Instruments TPS548C26 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
6.5 Electrical Characteristics (continued)
TJ = –40°C to +125°C. PVIN = 4 V to 16 V, VVCC = 4.5 V to 5.0 V (unless otherwise noted). Typical values are at TJ = 25°C,
PVIN = 12 V and VVCC = 4.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD
VOL(PG)
PG pin output low-level voltage
IPG = 10 mA, PVIN = 12 V, VVCC = 4.5 V
300
mV
ILKG(PG)
PG pin Leakage current when open drain
output is high
Rpullup = 10 kΩ, VPG = 5 V
5
µA
Minimum VCC for valid PG pin output
PVIN = 0 V, VEN = 0 V, Rpullup = 10 kΩ,
VPG ≤ 0.3 V
1.2
V
OUTPUT DISCHARGE
Output discharge on VOSNS pin
PVIN = 12 V, VVCC = 4.5 V, VVOSNS = 0.5 V,
EN=0V
455
Ω
THERMAL SHUTDOWN
TJ(SD)
Thermal shutdown (Analog OTP) threshold
(1)
Junction temperature rising
153
166
°C
TJ(HYS)
Thermal shutdown (Analog OTP) hysteresis
(1)
30
°C
(1)
These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purpose of TI's
product warranty.
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com