Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 9Page - Texas Instruments TPS548C26 Datasheet HTML 10Page - Texas Instruments TPS548C26 Datasheet HTML 11Page - Texas Instruments TPS548C26 Datasheet HTML 12Page - Texas Instruments TPS548C26 Datasheet HTML 13Page - Texas Instruments TPS548C26 Datasheet HTML 14Page - Texas Instruments TPS548C26 Datasheet HTML 15Page - Texas Instruments TPS548C26 Datasheet HTML 16Page - Texas Instruments TPS548C26 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
When the internal VCC LDO is used to power the VCC and VDRV pins, the device switching is not gated by
this PVIN UVLO. When the PVIN drops below the level of VDRV UVLO falling threshold plus the LDO dropout
voltage, the VDRV UVLO is triggered and the switching stops. When PVIN rises, the PVIN level has to rise
above the VDRV UVLO rising threshold to enable the switching. This means using the internal VCC LDO does
not allow power conversion under ultra-low PVIN condition.
While, power conversion under ultra-low PVIN condition can be enabled with an external 5-V bias on VCC and
VDRV pins. This configuration allows power conversion under ultra-low PVIN condition down to 2.7 V, as long as
the external bias maintains at a 5-V level to satisfy both the VCC_OK UVLO and the VDRV UVLO.
7.3.2.4 Enable
The TPS548C26 device offers precise enable, disable threshold on the EN pin. The power stage switching is
held off until EN pin voltage rises above the logic high threshold (typically 1.2 V). The power stage switching is
turned off after EN pin voltage drops below the logic low threshold (typically 1 V).
The EN pin has an internal filter to avoid unexpected ON or OFF due to short glitches. The deglitch time is set to
0.2 µs.
The recommended operating condition for EN pin is up to 5.3 V and the absolute maximum rating is 5.5 V. Do
not connect the EN pin to PVIN pin directly.
The TPS548C26 device remains disabled state when EN pin floats. The EN pin is internally pulled down to
AGND through a 125-kΩ resistor.
7.3.3 Set the Output Voltage
The output voltage is programmed by the FB voltage divider resistors, RFB_top and RFB_bot. Connect RFB_top
between the FB pin and the positive node of the load, and connect RFB_bot between the FB pin and GOSNS pin.
The recommended RFB_bot value is 10 kΩ, ranging from 1 kΩ to 20 kΩ. Determine RFB_top by using the below
equation:RFB_top=VOUT−VINTREF
VINTREF −RFB_bot
(1)
Where
• VOUT is the desired output voltage in V.
• VINTREF is 0.8 V.
To achieve the overall VOUT accuracy, using ±1% or better accuracy resistor for the FB voltage divider is highly
recommended.
The output voltage sensed on the VOSNS pin is fed into the internal on-time generation circuitry. TI recommends
shorting the VOSNS pin directly to VOUT sense point (that is, where the RFB_top is connected). Adding any
resistance higher than 51 Ω between VOUT sense point and the VOSNS pin shifts switching frequency higher
than the desired setting. Contact Texas Instruments if a resistor has to be placed between VOUT sense point
and the VOSNS pin.
7.3.4 Differential Remote Sense and Feedback Divider
The TPS548C26 device offers true differential remote sense function which is implemented between FB pin and
GOSNS pin. The output of the differential remote sense amplifier is internally fed into the control loop and does
not come out to a package pin.
Differential remote sense function compensates a potential voltage drop on the PCB traces thus helps maintain
VOUT accuracy under steady state operation and load transient event. Connecting the FB voltage divider
resistors to the remote location allows sensing the output voltage at a remote location. The connections from FB
voltage divider resistors to the remote location must be a pair of PCB traces with at least 12 mil trace width, and
must implement Kelvin sensing across a high bypass capacitor of 0.1 μF or higher on the sensing location. The
ground connection of the remote sensing signal must be connected to the GOSNS pin. The VOUT connection
of the remote sensing signal must be connected to the VOSNS pin and the top feedback resistor RFB_top. To
maintain stable output voltage and minimize the ripple, the pair of remote sensing lines must stay away from any
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com