Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 14Page - Texas Instruments TPS548C26 Datasheet HTML 15Page - Texas Instruments TPS548C26 Datasheet HTML 16Page - Texas Instruments TPS548C26 Datasheet HTML 17Page - Texas Instruments TPS548C26 Datasheet HTML 18Page - Texas Instruments TPS548C26 Datasheet HTML 19Page - Texas Instruments TPS548C26 Datasheet HTML 20Page - Texas Instruments TPS548C26 Datasheet HTML 21Page - Texas Instruments TPS548C26 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
VOUT UVF
When the FB node voltage (VFB − VGOSNS) drops to 600 mV or lower, the UVF comparator detects and an
internal UVF Response Delay counter begins. When the 16 µs UVF Response Delay expires, the device
responds per the fault response selected through SS pin. With the Latch-off response selected, the device
latches OFF both high-side and low-side FETs. The latch is cleared with a reset of VCC or by toggling the EN
pin. With the Hiccup response selected, the device enters hiccup mode and re-starts automatically after a hiccup
sleep time of 56 ms, without limitation on the number of restart attempts.
The UVF function is enabled only after the soft-start period completes.
During the UVF Response Delay, if the FB node voltage (VFB − VGOSNS) rises above the UVF threshold, thus not
qualified for a UVF event, the UVF response delay timer resets to zero. When the VOUT drops below the UVF
threshold again, the UVF response delay timer re-starts from zero.
VOUT OVF
When the FB node voltage (VFB − VGOSNS) rises to 950 mV or higher, the OVF comparator detects and the
device immediately latches OFF the high-side FET and turns on the low-side FET until the current flowing
through low-side FET exceeds the negative overcurrent (NOC) limit. Upon reaching the −16-A NOC limit, the
low-side FET is turned off, and the high-side FET is turned on again for an on-time determined by PVIN, VOUT,
and fSW setting. The device operates in this cycle until the output voltage is fully discharged. After VOUT is fully
discharged, the high-side FET is latched OFF and the low-side FET is latched ON. With the Latch-off response
selected, the device is kept under the state of the high-side FET latched OFF and the low-side FET latched ON.
The latch is cleared with a reset of VCC or by toggling the EN pin. With the Hiccup response selected, the device
still discharges output voltage by running the NOC operation. However, the device re-starts automatically after a
hiccup sleep time of 56 ms, without limitation on the number of restart attempts. The hiccup sleep time counter
starts right after the OVF trigger.
The OVF function is enabled only after the soft-start period completes.
7.3.14 Overtemperature Protection
To have full coverage for a potential overtemperature event, the TPS548C26 device implements two
overtemperature protection circuitries - one on the Controller side and one on the Power Stage (PS) side.
OTP by Monitoring the Power Stage Temperature
A temperature sensing circuit is implemented in the Power Stage (PS) side. This sensed temperature is fed into
an OTP circuit on the PS side to be compared with a fixed threshold (rising 166°C typical). The device stops the
SW switching when the sensed IC temperature goes beyond the fixed threshold. After the PS die temperature
falls 30°C below the rising threshold, the device automatically restarts with an initiated soft-start. This OTP on
power stage side is a non-latch protection.
OTP by Monitoring the Controller Temperature
The Controller features an internal on-die temperature sensing circuit. The sensed temperature signal is fed
into an OTP comparator on the Controller side and compared with a fixed threshold (rising 166°C typical). The
device stops the SW switching when the sensed Controller temperature goes beyond the fixed threshold. The
device response to an OTP event is set by the SS pin strap detection. With the Latch-off response selected, the
device latches OFF both high-side and low-side FETs. The latch is cleared with a reset of VCC or by toggling
the EN pin. With the Hiccup response selected, the device enters hiccup mode and re-starts automatically after a
hiccup sleep time of 56 ms, without limitation on the number of restart attempts.
Given the power loss on the controller side is much less than the power loss on the power stage side, the OTP
on controller side is unlikely to trigger during the nominal operation.
TPS548C26
SLVSGM2 – MARCH 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com