Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 3Page - Texas Instruments TPS548C26 Datasheet HTML 4Page - Texas Instruments TPS548C26 Datasheet HTML 5Page - Texas Instruments TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments TPS548C26 Datasheet HTML 10Page - Texas Instruments TPS548C26 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
6.5 Electrical Characteristics (continued)
TJ = –40°C to +125°C. PVIN = 4 V to 16 V, VVCC = 4.5 V to 5.0 V (unless otherwise noted). Typical values are at TJ = 25°C,
PVIN = 12 V and VVCC = 4.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tEN(DIG)
EN Deglitch Time
0.2
µs
EN internal pulldown resistor
VEN = 2 V, EN pin to AGND
110
125
140
kΩ
INTERNAL VCC LDO
VCC LDO output voltage
AVIN= 4 V, IVCC(load) = 5 mA
3.925
3.97
4.0
V
VCC LDO output voltage
AVIN= 5 V to 16 V, IVCC(load) = 5 mA
4.28
4.44
4.55
V
VCC LDO dropout voltage
AVIN – VVCC, AVIN = 4 V, IVCC(load) = 50 mA
160.8
280
mV
VCC_OK rising threshold
TJ = –40°C to 85°C. VCC rising, enabling
initial power-on including re-loading default
values from NVM
3.0
3.15
3.3
V
VCC_OK falling threshold
TJ = –40°C to 85°C. VCC falling, disabling
controller circuit including the memory and
the digital engine
2.95
3.10
3.25
V
VCC LDO short-circuit current limit
150
mA
REFERENCE VOLTAGE
VFB
FB voltage
TJ = 0°C to 85°C
792
800
804
mV
VFB
FB voltage
TJ = –40°C to 125°C
788
800
808
mV
IFB(LKG)
FB input leakage current
VFB = 800 mV
10
nA
SWITCHING FREQUENCY
fSW(FCCM)
Switching frequency, FCCM operation
TJ = –40°C to 125°C, PVIN = 12 V, VOUT =
1.1 V, no load, RMODE = 0 Ω
540
600
660
kHz
fSW(FCCM)
Switching frequency, FCCM operation
TJ = –40°C to 125°C, PVIN = 12 V, VOUT =
1.1 V, no load, RMODE = 1.5 kΩ
720
800
880
kHz
fSW(FCCM)
Switching frequency, FCCM operation
TJ = –40°C to 125°C, PVIN = 12 V, VOUT =
1.1 V, no load, RMODE = 14 kΩ
900
1000
1100
kHz
fSW(FCCM)
Switching frequency, FCCM operation
TJ = –40°C to 125°C, PVIN = 12 V, VOUT =
1.1 V, no load, RMODE = 16.2 kΩ
1080
1200
1320
kHz
fSW(FCCM)
Switching frequency, FCCM operation
TJ = –40°C to 125°C, PVIN = 12 V, VOUT =
1.1 V, no load, RMODE = float
720
800
880
kHz
STARTUP AND SHUTDOWN
tON(DLY)
Power on sequence delay
VVCC = 4.5 V
0.5
0.55
ms
tON(Rise)
Soft-start time
VVCC = 4.5 V, RSS = AGND
1.0
1.1
ms
tON(Rise)
Soft-start time
VVCC = 4.5 V, RSS = 5.76 kΩ
2.0
2.2
ms
tON(Rise)
Soft-start time
VVCC = 4.5 V, RSS = 14 kΩ
4.0
4.4
ms
tON(Rise)
Soft-start time
VVCC = 4.5 V, RSS = 28.7 kΩ
8.0
8.8
ms
tON(Rise)
Soft-start time
VVCC = 4.5 V, RSS = open
4.0
4.4
ms
POWER STAGE
RDSON(HS)
High-side MOSFET on-resistance
TJ = 25°C, PVIN = 12 V, VBOOT-SW = 4.5 V
4
mΩ
RDSON(HS)
High-side MOSFET on-resistance
TJ = 25°C, PVIN = 12 V, VBOOT-SW = 5.0 V
3.91
mΩ
RDSON(LS)
Low-side MOSFET on-resistance
TJ = 25°C, PVIN = 12 V, VVDRV = 4.5 V
1
mΩ
RDSON(LS)
Low-side MOSFET on-resistance
TJ = 25°C, PVIN = 12 V, VVDRV = 5 V
0.98
mΩ
tON(min)
Minimum ON pulse width
VVCC = 4.5 V
60
ns
tOFF(min)
Minimum OFF pulse width
VVCC = 4.5 V, IOUT = 1.5 A, VVOSNS =
VOUT_Setting – 20 mV, SW falling edge to
rising edge
210
250
ns
BOOT CIRCUIT
IBOOT(LKG)
BOOT leakage current
VEN = 2 V, VBOOT-SW = 5 V
150
µA
VBOOT-SW(UV_F)
BOOT-SW UVLO falling threshold
2.60
2.76
V
OVERCURRENT LIMIT
ILS(OCL)
Low-side valley overcurrent limit
(TPS548C26)
Valley current limit on LS FET, RILIM = 7.5
kΩ
10.2
12
13.8
A
ILS(OCL)
Low-side valley overcurrent limit
(TPS548C26)
Valley current limit on LS FET, RILIM = 12.1
kΩ
17.1
19
20.9
A
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com