Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 31Page - Texas Instruments TPS548C26 Datasheet HTML 32Page - Texas Instruments TPS548C26 Datasheet HTML 33Page - Texas Instruments TPS548C26 Datasheet HTML 34Page - Texas Instruments TPS548C26 Datasheet HTML 35Page - Texas Instruments TPS548C26 Datasheet HTML 36Page - Texas Instruments TPS548C26 Datasheet HTML 37Page - Texas Instruments TPS548C26 Datasheet HTML 38Page - Texas Instruments TPS548C26 Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
PACKAGE OUTLINE
4226301/D 11/2022
www.ti.com
WQFN-FCRLF - 0.7 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
RXX0037A
A
0.08 C
6.1
5.9
0.7
0.6
SEATING PLANE
PIN 1 INDEX AREA
C
(0.20) TYP
0.01
0.00
1
0.1
C A B
0.05
C
PIN 1 ID
(OPTIONAL)
B
5.1
4.9
0.000 PKG ℄
37X 0.3
0.2
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
32X 0.5
2X 3.5
2X 4.5
2.25±0.1
0.325±0.1
0.626±0.1
0.625±0.1
2.34±0.1
1.839±0.1
2.089±0.1
0.15±0.1
(0.25) TYP
0.45
0.35
18X 0.45
0.35
(0.2)
0.5
0.4
7
18
28
29
36
37
0.306±0.1
0.3
0.2
10
11
19
20
25
6
24
38
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com