Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 4 Page - Texas Instruments

  TPS548C26 Datasheet HTML 1Page - Texas Instruments TPS548C26 Datasheet HTML 2Page - Texas Instruments TPS548C26 Datasheet HTML 3Page - Texas Instruments TPS548C26 Datasheet HTML 4Page - Texas Instruments TPS548C26 Datasheet HTML 5Page - Texas Instruments TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
NC
37
—
No connection (NC) pin. This pin is floating internally. Pin 37 and pin 6 can be shorted
together.
PG
2
O
Power-good output signal. The PG indicator is asserted when the output voltage reaches
the regulation. The PG indicator de-asserts low when the EN pin is pulled low or a
shutdown fault occurs. This open-drain output requires an external pullup resistor.
PGND
7–10, 19
G
Power ground for the internal power stage.
PHASE
25
—
Return for high-side MOSFET driver. Shorted to SW internally. Connect the bootstrap
capacitor from BOOT pin to this pin.
PVIN
20–24
P
Power input for both the power stage. PVIN is the input of the internal VCC LDO as well.
SW
11–18
O
Output switching terminal of the power converter. Connect these pins to the output
inductor.
VCC
4
P
Internal VCC LDO output and also the input for the internal control circuitry. A 2.2 μF (or 1
μF), at least 6.3 V rating ceramic capacitor is required to be placed from VCC pin to AGND
for decoupling.
VDRV
5
P
Power supply input for gate driver circuit. A 2.2 μF (or 4.7 μF), at least 6.3 V rating ceramic
capacitor is required to be placed from VDRV pin to PGND pins to decouple the noise
generated by driver circuitry. An external 5 V bias can be connected to this pin to save the
power losses on the internal LDO.
VOSNS
28
I
Output voltage sense point for internal on-time generation circuitry. Shorting this pin
directly to VOUT sense point is recommended. Adding any resistance higher than 51 Ω
between VOUT sense point and the VOSNS pin shifts switching frequency higher than the
desired setting. Contact Texas Instruments if a resistor has to be placed between VOUT
sense point and the VOSNS pin.
TPS548C26
SLVSGM2 – MARCH 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com