Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 2Page - Texas Instruments TPS548C26 Datasheet HTML 3Page - Texas Instruments TPS548C26 Datasheet HTML 4Page - Texas Instruments TPS548C26 Datasheet HTML 5Page - Texas Instruments TPS548C26 Datasheet HTML 6Page - Texas Instruments TPS548C26 Datasheet HTML 7Page - Texas Instruments TPS548C26 Datasheet HTML 8Page - Texas Instruments TPS548C26 Datasheet HTML 9Page - Texas Instruments TPS548C26 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
DEVICE
UNIT
RXX (QFN, JEDEC)
RXX (QFN, TI EVM)
37 PINS
37 PINS
RθJA
Junction-to-ambient thermal resistance
25.4
15.7
°C/W
RθJB
Junction-to-board thermal resistance
3.6
Not applicable(2)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
6.6
Not applicable(2)
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.1
Not applicable(2)
°C/W
ψJT
Junction-to-top characterization parameter
0.1(3)
2.0(4)
°C/W
ψJB
Junction-to-board characterization parameter
3.6
5.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The thermal test or simulation setup is not applicable to a TI EVM layout.
(3)
The power dissipation is evenly distributed across all the silicon areas inside the package on the thermal simulation based on the
JEDEC standard, resulting in the hot spot being centered in the package.
(4)
The power dissipation is concentrated on the power FET area on the thermal simulation based on the TI EVM layout, resulting in the
hot spot being offset inside the package.
6.5 Electrical Characteristics
TJ = –40°C to +125°C. PVIN = 4 V to 16 V, VVCC = 4.5 V to 5.0 V (unless otherwise noted). Typical values are at TJ = 25°C,
PVIN = 12 V and VVCC = 4.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
PVIN operating input range
4
16
V
AVIN operating input range
4
16
V
IQ(AVIN)
AVIN quiescent current
Non-switching, PVIN = 12 V, AVIN = 12 V,
VEN = 2 V, VFB = VREF + 50 mV, no bias on
VCC and VDRV pin
5
6.3
7.5
mA
ISD(PVIN)
PVIN shutdown supply current
PVIN = 12 V, AVIN = 12 V, VEN = 0 V, no
bias on VCC and VDRV pin
20
µA
IVCC
VCC and VDRV external bias current
External 5 V bias on VCC and VDRV pin,
regular switching. TJ = 25°C, PVIN = 12 V,
IOUT = 35 A, VEN = 2 V, fSW = 0.6 MHz
32.7
mA
IVCC
VCC and VDRV external bias current
External 5 V bias on VCC and VDRV pin,
regular switching. TJ = 25°C, PVIN = 12 V,
IOUT = 35 A, VEN = 2 V, fSW = 0.8 MHz
39.7
mA
IVCC
VCC and VDRV external bias current
External 5 V bias on VCC and VDRV pin,
regular switching. TJ = 25°C, PVIN = 12 V,
IOUT = 35 A, VEN = 2 V, fSW = 1.0 MHz
48.7
mA
IVCC
VCC and VDRV external bias current
External 5 V bias on VCC and VDRV pin,
regular switching. TJ = 25°C, PVIN = 12 V,
IOUT = 35 A, VEN = 2 V, fSW = 1.2 MHz
57.3
mA
ISD(VCC_VDRV)
VCC + VDRV shutdown supply current
External 5 V bias on VCC and VDRV pin,
PVIN = 12 V, VEN = 0 V
5
6.3
7.5
mA
UVLO
PVINOV
PVIN overvoltage rising threshold
PVIN rising
18.0
18.6
19.2
V
PVINOV
PVIN overvoltage falling threshold
PVIN falling. PVIN_OVF status bit, once it
is set, cannot be cleared unless PVIN falls
below the PVIN overvoltage falling threshold
12.9
13.4
13.9
V
PVINUVLO(R)
PVIN UVLO rising threshold
PVIN rising, external 5 V bias on VCC and
VDRV pin
2.35
2.55
2.75
V
PVINUVLO(F)
PVIN UVLO falling threshold
PVIN falling, external 5 V bias on VCC and
VDRV pin
2.10
2.30
2.50
V
PVINUVLO(H)
PVIN UVLO hysteresis
0.25
V
ENABLE
VEN(R)
EN voltage rising threshold
EN rising, enable switching
1.14
1.19
1.24
V
VEN(F)
EN voltage falling threshold
EN falling, disable switching
0.94
0.98
1.02
V
VEN(H)
EN voltage hysteresis
0.21
V
TPS548C26
SLVSGM2 – MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com