Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548C26 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 11Page - Texas Instruments TPS548C26 Datasheet HTML 12Page - Texas Instruments TPS548C26 Datasheet HTML 13Page - Texas Instruments TPS548C26 Datasheet HTML 14Page - Texas Instruments TPS548C26 Datasheet HTML 15Page - Texas Instruments TPS548C26 Datasheet HTML 16Page - Texas Instruments TPS548C26 Datasheet HTML 17Page - Texas Instruments TPS548C26 Datasheet HTML 18Page - Texas Instruments TPS548C26 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Table 7-1. SS Pin Strap for the Soft-start Time, Fault Response, and Internal Compensation (continued)
SS Pin to AGND Resistor
(kΩ)
Soft-start time (ms)
Internal Compensation
VOUT OV, UV Fault Response
Floating
4
Compensation1
Latch-off
Note
The pin strap detection happens at the first stage of power-up sequence. After the detection finishes,
the detection results are latched in and do not change during the following operation. If a new
selection is desired, toggling VCC (or AVIN) is required. Toggling the EN pin does not affect the pin
strap detection results.
Shutdown
The TPS548C26 device features a simple shutdown sequence. Both high-side and low-side FET drivers are
turned off immediately at the time when the EN pin is pulled low, and the output voltage discharge slew rate is
controlled by the external load. The internal reference is discharged down to zero to get ready for the next soft
start.
7.3.6 Loop Compensation
The TPS548C26 device features D-CAP+ control topology with internal loop compensation for fast transient
response. As listed in Table 7-1, two sets of loop compensation are provided for tuning the output voltage
feedback and response to transients. Compensation1 is the recommended compensation for any application
using relative large inductor (for example, 400 nH or higher). Compensation2 is the recommended compensation
for any application using relative small inductor (for example, 200 nH or lower). TI does not recommend electing
Compensation2 for a large inductor design because the control loop does not receive the right amount of current
sensing signal when the low-side FET conduction time is approaching tOFF(min).
To avoid wrong pin strap detection, TI recommends ±1% tolerance resistors with a typical temperature coefficient
of ±100 ppm/°C.
7.3.7 Set Switching Frequency and Operation Mode
TPS548C26 device provides programmable operation mode including the forced CCM operation for tight output
voltage ripple and auto-skipping Eco-mode for high light-load efficiency. The TPS548C26 device allows users to
select the switching frequency and operation mode through the pin strap detection on MODE pin. Table 7-2 lists
the resistor values for the switching frequency and operation mode selections. TI recommends ±1% tolerance
resistors with a typical temperature coefficient of ±100 ppm/°C.
The FCCM bit is set during initial power-on and latched after the power conversion is enabled (EN=high). While
the device is enabled, a write to FCCM bit is acknowledged but the operation mode does not change until an EN
toggle happens.
Table 7-2. MODE Pin Strap for Switching Frequency and Operation MODE
MODE Pin to AGND Resistor
(kΩ)
Switching Frequency (kHz)
Operation Mode
0
600
FCCM
1.50
800
2.49
1000
3.48
1200
10.5
600
Auto-skipping Eco-mode (DCM)
12.1
800
14
1000
16.2
1200
Floating
800
FCCM
www.ti.com
TPS548C26
SLVSGM2 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com