Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 142 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 142 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 138Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 139Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 140Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 141Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 142Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 143Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 144Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 145Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 230 page
background image
Simple Serial Interface
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Simple Serial Interface
SPE — Serial Peripheral Enable
The SPE bit switches the port B interface such that SDO/PB5 is the
serial data output, SDI/PB6 is the serial data input, and SCK/PB7 is a
serial clock input in the slave mode or a serial clock output in the
master mode. The port B DDR and data registers can be manipulated
as usual, but these actions will not affect the transmitted or received
data. The SPE bit is readable and writable at any time, but clearing
the SPE bit while a transmission is in progress will 1) abort the
transmission, 2) reset the serial bit counter, and 3) convert port B to a
general-purpose I/O port. Reset clears the SPE bit.
1 = Serial peripheral enabled (port B I/O disabled)
0 = Serial peripheral disabled (port B I/O enabled)
LSBF — Least Significant Bit First
The LSBF bit controls the format of the transmitted and received data
to be transferred LSB or MSB first. Reset clears this bit.
1 = LSB transferred first
0 = MSB transferred first
MSTR — Master Mode Select
The MSTR bit configures the serial I/O port for master mode. A
transfer is initiated by writing to the SDR. Also, the SCK pin becomes
an output providing a synchronous data clock dependent upon the
divider of the oscillator frequency selected by the SPR0:1 bits. When
the device is in master mode, the SDO and SDI pins do not change
function. These pins behave exactly the same in both the master and
slave modes. The MSTR bit is readable and writable at any time
regardless of the state of the SPE bit. Clearing the MSTR bit will abort
any transfers that may have been in progress. Reset clears the MSTR
bit, placing the SIOP subsystem in slave mode.
1 = SIOP set up as master, SCK is an output
0 = SIOP set up as slave, SCK is an input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com