Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 145 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 141Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 142Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 143Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 144Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 145Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 146Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 147Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 148Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 230 page
background image
Simple Serial Interface
SIOP Registers
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Simple Serial Interface
9.4.3 SIOP Data Register (SDR)
The SIOP data register (SDR) is located at address $000C and serves
as both the transmit and receive data register. Writing to this register will
initiate a message transmission if the node is in master mode. The SIOP
subsystem is not double buffered and any write to this register will
destroy the previous contents. The SDR can be read at any time.
However, if a transfer is in progress the results may be ambiguous.
Writing to the SDR while a transfer is in progress can cause invalid data
to be transmitted and/or received. Figure 9-6 shows the position of each
bit in the register. This register is not affected by reset.
$000C
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Unaffected by Reset
Figure 9-6. SIOP Data Register (SDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com