Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 149 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 145Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 146Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 147Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 148Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 149Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 150Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 151Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 152Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 230 page
background image
Core Timer
Core Timer Status and Control Register (CTSCR)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Core Timer
10.3 Core Timer Status and Control Register (CTSCR)
The read/write core timer status and control register (CTSCR) contains
the interrupt flag bits, interrupt enable bits, interrupt flag bit resets, and
the rate selects for the real time interrupt as shown in Figure 10-2.
CTOF — Core Timer Overflow Flag
This read-only flag becomes set when the first eight stages of the core
timer counter roll over from $FF to $00. The CTOF flag bit generates
a timer overflow interrupt request if CTOFE is also set. The CTOF flag
bit is cleared by writing a logic one to the CTOFR bit. Writing to CTOF
has no effect. Reset clears CTOF.
1 = Overflow in core timer has occurred
0 = No overflow of core timer since CTOF last cleared
RTIF — Real-Time Interrupt Flag
This read-only flag becomes set when the selected real time interrupt
(RTI) output becomes active. RTIF generates a real-time interrupt
request if RTIE is also set. The RTIF enable bit is cleared by writing a
logic one to the RTIFR bit. Writing to RTIF has no effect. Reset clears
RTIF.
1 = Overflow in real-time counter has occurred
0 = No overflow of real-time counter since RTIF last cleared
CTOFE — Core Timer Overflow Interrupt Enable
This read/write bit enables core timer overflow interrupts. Reset
clears CTOFE.
1 = Core timer overflow interrupts enabled
0 = Core timer overflow interrupts disabled
$0008
Bit 7
654321
Bit 0
Read:
CTOF
RTIF
CTOFE
RTIE
00
RT1
RT0
Write:
CTOFR
RTIFR
Reset:
00000011
= Unimplemented
Figure 10-2. Core Timer Status and Control Register (CTSCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com