Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 99Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 100Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 101Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 102Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 103Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 104Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 105Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 106Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 230 page
background image
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
General Release Specification — MC68HC705JJ7/MC68HC705JP7
Section 8. Analog Subsystem
8.1 Contents
8.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .104
8.3
Analog Multiplex Register . . . . . . . . . . . . . . . . . . . . . . . . . . . .106
8.4
Analog Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . .111
8.5
Analog Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .115
8.6
A/D Conversion Methods . . . . . . . . . . . . . . . . . . . . . . . . . . . .118
8.7
Voltage Measurement Methods . . . . . . . . . . . . . . . . . . . . . . .128
8.7.1
Absolute Voltage Readings . . . . . . . . . . . . . . . . . . . . . . . .129
8.7.1.1
Internal Absolute Reference. . . . . . . . . . . . . . . . . . . . . .129
8.7.1.2
External Absolute Reference . . . . . . . . . . . . . . . . . . . . .130
8.7.2
Ratiometric Voltage Readings. . . . . . . . . . . . . . . . . . . . . .131
8.7.2.1
Internal Ratiometric Reference . . . . . . . . . . . . . . . . . . .131
8.7.2.2
External Ratiometric Reference . . . . . . . . . . . . . . . . . . .131
8.8
Voltage Comparator Features . . . . . . . . . . . . . . . . . . . . . . . .133
8.8.1
Voltage Comparator 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . .133
8.8.2
Voltage Comparator 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . .134
8.9
Current Source Features . . . . . . . . . . . . . . . . . . . . . . . . . . . .134
8.10
Internal Temperature Sensing Diode Features. . . . . . . . . . . .134
8.11
Sample and Hold . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .134
8.12
Port B Interaction with Analog Inputs . . . . . . . . . . . . . . . . . . .135
8.13
Port B Pins As Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .135
8.14
Port B Pulldowns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .136
8.15
Noise Sensitivity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .136
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com