Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 100Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 101Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 102Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 103Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 104Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 105Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 106Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 107Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
8.2 Introduction
The analog subsystem of the MC68HC705JJ7/MC68HC705JP7 is
based on two on-chip voltage comparators and a selectable current
charge/discharge function as shown in Figure 8-1.
This configuration provides several features:
•
Two (2) independent voltage comparators with external access to
both inverting and non-inverting inputs
•
One voltage comparator can be connected as a single-slope A/D
and the other connected as a single-voltage comparator. The
possible single-slope A/D connection provides the following
features:
–
A/D conversions can use VDD or an external voltage as a
reference with software used to calculate ratiometric or
absolute results
–
Channel access of up to four inputs via multiplexer control with
independent multiplexer control allowing mixed input
connections
–
Access to VDD and VSS for calibration
–
Divide by 2 to extend input voltage range
–
Each comparator can be inverted to calculate input offsets
–
Internal sample and hold capacitor
–
direct digital output of comparator 1 to the PB4 pin
Voltages are resolved by measuring the time it takes an external
capacitor to charge up to the level of the unknown input voltage being
measured. The beginning of the A/D conversion time can be started by
several means:
•
Output compare from the 16-bit programmable timer
•
Timer overflow from the 16-bit programmable timer
•
Direct software control via a register bit
The end of the A/D conversion time can be captured by these means:
•
Input capture in the 16-bit programmable timer
•
Interrupt generated by the comparator output
•
Software polling of the comparator output using software loop time
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com