Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 104Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 105Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 106Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 107Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 108Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 109Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 110Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 111Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
INV
This is a read/write bit that controls the relative polarity of the inherent
input offset voltage of the voltage comparators. This bit allows voltage
comparisons to be made with both polarities and then averaged
together by taking the sum of the two readings and then dividing by 2
(logical shift right).
The polarity of the input offset is reversed by interchanging the
internal voltage comparator inputs while also inverting the comparator
output. This interchange does not alter the action of the voltage
comparator output with respect to its port pins. That is, the output will
only go high if the voltage on the positive input (PB2 pin for
comparator 1 and PB0 pin for comparator 2) is above the voltage on
the respective negative input (PB3 pin for comparator 1 and PB1 pin
for comparator 2). This is shown schematically in Figure 8-4. This bit
is cleared by a reset of the device.
1 = The voltage comparators are internally inverted.
0 = The voltage comparators are not internally inverted.
Figure 8-4. INV Bit Action
NOTE:
The effect of changing the state of the INV bit is to only change the
polarity of the input offset voltage. It does not change the output phase
of the CPF1 or CPF2 flags with respect to the external port pins.
V-
V+
INV = 0
+
COMP
VIO
-
RISE
WHEN
V+ > V-
INV = 1
V+
V-
+
COMP
VIO
-
RISE
WHEN
V+ > V-
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com