Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 112 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 108Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 109Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 110Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 111Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 112Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 113Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 114Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 115Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
Table 8-3. A/D Conversion Options
A/D
Option
Mode
Charge
Control
A/D Options
Current Flow To/From PB0/AN0
ISEN
ATD2
ATD1
CHG
Disabled
Current
Source and
Discharge
Disabled
0
X
X
X
Current control disabled, no source or sink current
0
Manual
Charge and
Discharge
1000
Begin sinking current when the CHG bit is cleared
and continue to sink current until the CHG bit is set.
1001
Begin sourcing current when the CHG bit is set and
continue to source current until the CHG bit is
cleared.
1
Manual
Charge and
Automatic
Discharge
1010
Begin sinking current when the CHG bit is cleared
and continue to sink current until the CHG bit is set.
(The CHG bit is cleared by writing a logical zero to
it or when the CPF2 flag bit is set.)
1011
Begin sourcing current when the CHG bit is set; and
continue to source current until the CHG bit is
cleared. (The CHG bit is set by writing a logical one
to it or cleared when the CPF2 flag bit is set.)
2
Automatic
Charge and
Discharge
(TOF–ICF)
Synchronized
to Timer
1100
The CHG bit remains cleared until the next timer
TOF occurs.
1101
The CHG bit remains set until the next timer ICF
occurs.
3
Automatic
Charge and
Discharge
(OCF–ICF)
Synchronized
to Timer
1110
The CHG bit remains cleared until the next timer
OCF occurs.
1111
The CHG bit remains set until the next timer ICF
occurs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com