Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 113 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 109Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 110Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 111Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 112Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 113Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 114Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 115Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 116Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 230 page
background image
Analog Subsystem
Analog Control Register
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
ICEN
This is a read/write bit that enables a voltage comparison to trigger the
input capture register of the programmable timer when the CPF2 flag
bit is set. Therefore, an A/D conversion could be started by receiving
an OCF or TOF from the programmable timer and then terminated
when the voltage on the external ramping capacitor reaches the level
of the unknown voltage. The time of termination will be stored in the
16-bit buffer located at $0014 and $0015. This bit is automatically set
whenever mode 2 or 3 is selected by setting the ATD2 control bit. This
bit is cleared by a reset of the device.
1 = Connects the CPF2 flag bit to the timer input capture register
0 = Connects the PB3/AN3 pin to the timer input capture register
NOTE:
In order for the input capture to occur when the output of comparator 2
goes high the IEDG bit in the TCR must also be set.
NOTE:
When the ICEN bit is set, the input capture function of the programmable
timer is not connected to the PB3/AN3/TCAP pin but is driven by the
CPF2 output flag from comparator 2. To return to capturing times from
external events, the ICEN bit must first be cleared before the timed event
occurs.
CPIE
This is a read/write bit that enables an analog interrupt when either of
the CPF1 or CPF2 flag bits is set to a logical one. This bit is cleared
by a reset of the device.
1 = Enables analog interrupts when comparator flag bits are set
0 = Disables analog interrupts when comparator flag bits are set
NOTE:
If both the ICEN and CPIE bits are set they will both generate an interrupt
by different paths. One will be the programmable timer interrupt due to
the input capture; and the other will be the analog interrupt due to the
output of comparator 2 going high. In this case the input capture interrupt
will be entered first due to its higher priority. The analog interrupt will then
need to be serviced even if the comparator 2 output has been reset or
the input capture flag (ICF) has been cleared.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com