Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 133 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 133 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 129Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 130Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 131Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 132Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 133Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 134Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 135Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 136Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 230 page
background image
Analog Subsystem
Voltage Comparator Features
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
8.8 Voltage Comparator Features
The two internal comparators can be used as simple voltage
comparators if set up as described in Table 8-8. Both comparators can
be active in the Wait mode; and can directly restart the part by means of
the analog interrupt. Both comparators can also be active in the stop
mode, but cannot directly restart the part. However, the comparators can
directly drive PB4 which can then be connected externally to activate
either a port interrupt on the PA0:3 pins or the IRQ/VPP pin.
8.8.1 Voltage Comparator 1
Voltage comparator 1 is always connected to two of the port B I/O pins.
These pins should be configured as inputs and have their software
programmable pulldowns disabled. Also, the negative input of voltage
comparator 1 is connected to the PB3/AN3/TCAP and shared with the
input capture function of the 16-bit programmable timer. Therefore, the
timer input capture interrupt should be disabled so that changes in the
voltage on the PB3/AN3/TCAP pin do not cause unwanted input capture
interrupts.
The output of comparator 1 can be connected to the port logic driving the
PB4/AN4/TCMP/CMP1 pin such that the output of the comparator is
ORed with the PB4 data bit and the OLVL bit from the 16-bit timer. This
capability requires that the OPT bit is set in the COPR at location $1FF0
and the COE1 bit is set in the ASR at location $001E.
Table 8-8. Voltage Comparator Setup Conditions
Comparator
Current
Source
Enable
Discharge
Device
Disable
Port B Pin
as Inputs
Port B Pin
Pulldowns
Disabled
Prog. Timer
Input
Capture
Source
1
Not
Affected
Not
Affected
DDRB2 = 0
DDRB3 = 0
PDIB2 = 1
PDIB3 = 1
Not
Affected
2
ISEN = 0
ISEN = 0
DDRB0 = 0
DDRB1 = 0
PDIB0 = 1
PDIB1 = 1
ICEN = 0
IEDG = 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com