Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 137 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 133Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 134Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 135Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 136Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 137Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 138Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 139Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 140Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 230 page
background image
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Simple Serial Interface
General Release Specification — MC68HC705JJ7/MC68HC705JP7
Section 9. Simple Serial Interface
9.1 Contents
9.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .137
9.3
SIOP Signal Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .139
9.3.1
Serial Clock (SCK) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .139
9.3.2
Serial Data Input (SDI) . . . . . . . . . . . . . . . . . . . . . . . . . . .140
9.3.3
Serial Data Output (SDO) . . . . . . . . . . . . . . . . . . . . . . . . .140
9.4
SIOP Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .141
9.4.1
SIOP Control Register (SCR) . . . . . . . . . . . . . . . . . . . . . .141
9.4.2
SIOP Status Register (SSR) . . . . . . . . . . . . . . . . . . . . . . .144
9.4.3
SIOP Data Register (SDR) . . . . . . . . . . . . . . . . . . . . . . . .145
9.2 Introduction
The simple synchronous serial I/O port (SIOP) subsystem is designed to
provide efficient serial communications with peripheral devices or other
MCUs. SIOP is implemented as a 3-wire master/slave system with serial
clock (SCK), serial data input (SDI), and serial data output (SDO). A
block diagram of the SIOP is shown in Figure 9-1.
The SIOP subsystem shares its input/output pins with port B. When the
SIOP is enabled (SPE bit set in the SCR), the port B data direction and
data registers are bypassed by the SIOP. The port B data direction and
data registers will remain accessible and can be altered by the
application software, but these actions will not affect the SIOP
transmitted or received data.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com