Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 32Page - Renesas Technology Corp DA6021 Datasheet HTML 33Page - Renesas Technology Corp DA6021 Datasheet HTML 34Page - Renesas Technology Corp DA6021 Datasheet HTML 35Page - Renesas Technology Corp DA6021 Datasheet HTML 36Page - Renesas Technology Corp DA6021 Datasheet HTML 37Page - Renesas Technology Corp DA6021 Datasheet HTML 38Page - Renesas Technology Corp DA6021 Datasheet HTML 39Page - Renesas Technology Corp DA6021 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
36 of 224
www.dialog-semiconductor.com
Notes:
1.
X
don’t care
2.
RSMRST_B=1 for any sleep signal assertion to be valid
3.
The normal (except catastrophic or critical events) power state transition sequence is: SOC G3->SOC
S4->SOC S3->SOC S0IX->SOC S0 based on the conditions or in reverse order. Power state transition
is from one state to the next state based on sleep signals from the SOC without skipping states. For
example, if the PMIC is currently in SOC S0 state, sleep signals SLP_S0IX, SLP_S3_B, SLP_S4_B are
all asserted. The PMIC will not jump directly to SOC S4 without first going to SOC S0IX then to SOC S3.
4.
4. To exit from SOC S3 and SOC S4, BATLOW_B=1.
5.
5. Normally SLP_S0IX_B =0, SLP_S3_B=0 when SLP_S4_B=0.
6.
6. Normally SLP_S0IX_B =0 when SLP_S3_B=0. SUSPWRDNACK=1 in this power state.
7.
7. Normally SUSPWRDNACK=1 in this power state.
DA6021 Power State Transitions and Sleep Signals
9.3.6
The table below summarizes how DA6021 transitions from one power state to the next based on sleep signals
and SUCPWRDNACK.
SUSPWDNA
CK
SUSPWRDN
ACKCFG
SLP_S4_B
SLP_S3_B
SLP_S0iX_B
Present
State
Next State
1
1
0
X
X
SOC_S4
SOC_G3
0
X
0
X
X
SOC_S4
SOC_S4
X
0
0
X
X
SOC_S4
SOC_S4
X
X
1
X
X
SOC_S4
SOC_S3
X
X
0
0
X
SOC_S3
SOC_S4
X
X
1
0
X
SOC_S3
SOC_S3
X
X
1
1
X
SOC_S3
SOC_S0iX
X
X
1
1
0
SOC_S0iX
SOC_S0iX
X
X
1
1
1
SOC_S0iX
SOC_S0
X
X
1
0
X
SOC_S0iX
SOC_S3
X
X
X
X
0
SOC_S0
SOC_S0iX
Table 13: DA6021 State Transition and Sleep Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com