Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 67Page - Renesas Technology Corp DA6021 Datasheet HTML 68Page - Renesas Technology Corp DA6021 Datasheet HTML 69Page - Renesas Technology Corp DA6021 Datasheet HTML 70Page - Renesas Technology Corp DA6021 Datasheet HTML 71Page - Renesas Technology Corp DA6021 Datasheet HTML 72Page - Renesas Technology Corp DA6021 Datasheet HTML 73Page - Renesas Technology Corp DA6021 Datasheet HTML 74Page - Renesas Technology Corp DA6021 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
71 of 224
www.dialog-semiconductor.com
1. Period and duty cycle are measured with respect to 0.5 * V1P0S.
2. High time is measured with respect to 0.7 * V1P0S. Low time is measured with respect to 0.3 * V1P0S.
3. Rise time is measured from 0.3*V1P0S
– 0.7*V1P0S. Fall time is measured 0.7*V1P0S - 0.3*V1P0S.
4. Tperiod, Thigh, Tlow and Duty Cycle variation as a result of internal CPU Clock logic only. Additional variation
may be introduced as a result of the Clock MB topology (like different Rpu values or MB impedance).
Figure 24: Measurement Points for VCLK
The SVID interface will have access only to the SVID registers. In case of dynamical content like the status
registers the latching mechanism ensures not falling in meta-stability.
Data Sampling and Timing
11.5.3
Following SVID Bus platform timings have to be fulfilled
Tco_max_VR
clock to data delay = 12ns
Tco_min_VR
clock to data delay = 4ns
Tsu_VR
VDIO setup time at DA6021 = 7ns
Thld_VR
VDIO hold time at DA6021 = 14ns
Tfly_min
0.3ns
Tfly_max
1.5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com