Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 65Page - Renesas Technology Corp DA6021 Datasheet HTML 66Page - Renesas Technology Corp DA6021 Datasheet HTML 67Page - Renesas Technology Corp DA6021 Datasheet HTML 68Page - Renesas Technology Corp DA6021 Datasheet HTML 69Page - Renesas Technology Corp DA6021 Datasheet HTML 70Page - Renesas Technology Corp DA6021 Datasheet HTML 71Page - Renesas Technology Corp DA6021 Datasheet HTML 72Page - Renesas Technology Corp DA6021 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
69 of 224
www.dialog-semiconductor.com
Voltage Rail Control Mechanism
11.4
Proper power-up/down sequencing is mandatory preventing damages. Optimizing the platform power
consumption, unneccessary components as well as its related power rails shall be switched off. There are
several methods controlling the power rails.
VCC & VNN are controlled via the SVID interface
State transitions, SOC provides SLP_S0iX_B, SLP_S3_B and SLP_S4_B signals to DA6021 controlling
the related power rails
Sequencer controlling
Dedicated register control
SVID Interface
11.5
SOC communicates with the DA6021
via the SVID interface. SVID‘s commands composed of 9 bits – 4 MSBs
determine the address and 5 LSBs are the command bits. DA6021 supports 2 SVID voltage regulators
– VCC &
VNN. The address for each of the voltage regulator is indicated in the table below:
Address
Target
Description
0x00
VCC
All commands will be routed to the VCC SVID registers and DA6021 will
respond with the VCC status information
0x01
VNN
All commands will be routed to the VNN SVID registers and DA6021 will
respond with the VNN status information
Table 30: VCC & VNN Addresses
SVID DC Electrical Parameters
11.5.1
The following table outlines the SVID DC electrical parameters. Note that low voltage operation is essential to
avoid level converters to/from the processor. DA6021 SVID buffer should take V1P0S_FB as a reference voltage
for improved signal integrity at the receiver.
Symbol
Parameter
Min
Typ
Max
Units
Notes
Val
V1P0S
SVID IO voltage
0.95
1.00
1.05
V
-
VIL
Input low voltage
0.45*
V1P0S
V
1
A
VIH
Input high voltage
0.65*
V1P0S
V
1
A
VHYS
Hysteresis voltage
0.05
V
E,D
VOH
Output high voltage
V1P0S
V
1
-
RON
Buffer on resistance
(data line & alert# line)
10
20
Ω
2
D
IL
Leakage current
-100
100
uA
3
A
CPAD
Pad capacitance
4.0
pF
4
D
VPIN
Pin capacitance
5.0
pF
D
Table 31: SVID DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com