Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 78Page - Renesas Technology Corp DA6021 Datasheet HTML 79Page - Renesas Technology Corp DA6021 Datasheet HTML 80Page - Renesas Technology Corp DA6021 Datasheet HTML 81Page - Renesas Technology Corp DA6021 Datasheet HTML 82Page - Renesas Technology Corp DA6021 Datasheet HTML 83Page - Renesas Technology Corp DA6021 Datasheet HTML 84Page - Renesas Technology Corp DA6021 Datasheet HTML 85Page - Renesas Technology Corp DA6021 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
82 of 224
www.dialog-semiconductor.com
DC/DC Buck Regulator VNN
11.6.2
The BUCK_VNN converter is a high efficiency synchronous step down regulator operating at a high frequency
(3
MHz) supplying a voltage (VNN) of 0.5 … 1.2V at maximum 8000mA. This buck regulator has the ability to
dynamically change its output
voltage setting to per SoC’s frequency-power requirements. The output voltage is
controlled using the SVID interface.
Figure 30: Buck VNN Block Diagram
11.6.2.1
VNN Current
The SoC has the ability to increase the core frequency during burst mode (achieving exceptional performance)
when the system environment is conducive. As long as the thermal and power budget allows, the current of the
VCC voltage rail can be more than twice the normal mode value.
IMAX = 8000mA
11.6.2.2
Power States
Active state:
DA6021 VNN voltage rail can handle up to 8A peak current for duration of several seconds until it would reach
the maximum operational temperature of DA6021. The regulator automatically switches between synchronous
PWM and asynchronous PFM mode depending on the load.
At usage workloads, VNN current is typically in the range of 50mA to 500mA
S0ix:
When The SoC enters the S0ix state, SLP_S0ix is held low. DA6021 turns the VNN buck regulator into low
power mode and disables all un-necessary blocks, reducing the power requirements. PMIC exits this power
saving mode within 5µs after SoC asserts the SLP_S0ix signal to high.
Typical current requirements for S0ix mode are 7mA .. 20mA. However this power saving mode supports up to
200mA maximum current without catastrophic failures.
11.6.2.3
Electrical Characteristics VNN
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Val
VNN_IN
Input Voltage
2.7
4.5
V
-
Cin
at VNN_IN
4 x 4.7
µF
-
Cout
6 x 22
μF
-
ESR of output capacitor
6 @ 22µF
mΩ
-
ESL of output capacitor
1.6 @ 3MHz
nH
-
L_BUCK
inductor value
-20%
4x0.47µ
+20%
μH
-
L_DCR
inductor DC resistance
48
mΩ
-
VNN
Output Voltage
IOUT= Imax
0.50
1.2
V
A
VNN
Output Accuracy
See chapter 0
A
F_BUCK
Frequency of operation
3
MHz
A
Transient load current profile
2900-5600mA
200
ns
-
VNN_GND
BUCK_VNN
VNN_VIN
0.5V
–1.2V
8 A
VNN_SENSEP
LX1
4
Φ
8
2
2
2
2
8
0.47µH
0.47µH
0.47µH
0.47µH
LX2
LX3
LX4
C
C
VNN bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com