Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 45Page - Renesas Technology Corp DA6021 Datasheet HTML 46Page - Renesas Technology Corp DA6021 Datasheet HTML 47Page - Renesas Technology Corp DA6021 Datasheet HTML 48Page - Renesas Technology Corp DA6021 Datasheet HTML 49Page - Renesas Technology Corp DA6021 Datasheet HTML 50Page - Renesas Technology Corp DA6021 Datasheet HTML 51Page - Renesas Technology Corp DA6021 Datasheet HTML 52Page - Renesas Technology Corp DA6021 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
49 of 224
www.dialog-semiconductor.com
Parameter
Description
Min
[ms]
Typ
[ms]
Max
[ms]
Measured
[ms]
T3
SLP_S0IX_B assertion to VCCAPWROK
deassertion
0,000
0,008
0,016
0,001
T0_V1P2SX
SLP_S0IX_B assertion to first SX rail starts to
turn off
0,000
0,008
0,016
0,048
T1_V1P2SX
Ramp-down time from 90% to 10%
0,1
1,00
2,00
0,608
T2_V1P0SX-
V1P2SX
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,975
T1_V1P0SX
Ramp-down time from 90% to 10%
0,1
1,00
2,00
0,01
T2_V1P2SX-
VDDQ_VTT
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
1,053
T1_VDDQ_VTT
Ramp-down time from 90% to 10%
0,1
1,00
2,00
0,619
T2_VDDQ_VTT-
V1P05S
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,615
T1_V1P05S
V1P05S S0 to S0IX Level transition
0,5
1,00
2,00
0,032
Table 19: Enter S0iX timing
Exit SOC S0iX Mode
10.3.4
The S0IX state is exited when the SOC de-asserts the SLP_S0IX_B pin (HIGH). VDDQ_VTT and SX rails are
turned on. The VCC rail will be turned on by SVID commands (not by SLP_S0IX). The rest of the rails will come
out of power save mode.
The rail sequencing is shown in the figure below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com