Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 86Page - Renesas Technology Corp DA6021 Datasheet HTML 87Page - Renesas Technology Corp DA6021 Datasheet HTML 88Page - Renesas Technology Corp DA6021 Datasheet HTML 89Page - Renesas Technology Corp DA6021 Datasheet HTML 90Page - Renesas Technology Corp DA6021 Datasheet HTML 91Page - Renesas Technology Corp DA6021 Datasheet HTML 92Page - Renesas Technology Corp DA6021 Datasheet HTML 93Page - Renesas Technology Corp DA6021 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
90 of 224
www.dialog-semiconductor.com
11.6.4.1
Power States
Active state:
DA6021 V1P05S voltage rail can handle up to 474mA max current. Its usual average current workload is at 1mA
to 50mA, but thermally able to handle 474mA in peaks. Optimized efficiency is achieved from 1mA to 50mA.
Automatically switching from PWM to PFM mode achieves the best power efficiency.
S0ix State:
When the SoC enters the S0ix state, SLP_S0ix is held low. DA6021 turns the V1P0S buck regulator off except
V1P05S.V1P05S_EN bit is set. DA6021 exits S0iX state while asserting SLP_S0iX_B to high and enabling
V1P05S buck regulator and ramps the voltage to 1.05V±5% within 60µs.
11.6.4.2
Electrical Characteristics
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Val
V1P05S_VIN
Input Voltage
2.7
4.5
V
-
Cin
at V1P05S_IN
4.7
µF
-
Cout
2 x 22
μF
-
ESR of output capacitor
6 @ 22µF
mΩ
-
ESL of output capacitor
1.6 @ 3MHz
nH
-
L_BUCK
inductor value
-20%
0.47
+20%
μH
-
L_DCR
inductor resistance
48
mΩ
-
V1P05S
Output Voltage
IOUT= Imax
1.05
2%
V
A
F_BUCK
Frequency of operation
3
MHz
A
Transient load current profile
0-740mA
200
ns
-
Transient droop
10
0-740mA
53
mV
E
Transient overshoot
11
740-0mA
53
mV
E
Ton
Turn on time
2
ms
E
Rpd
Discharge impedance
Vout .. 0V
20
Ω
A
IQ_ON
Quiescent Current in
On Mode
50
µA
E
Normal Mode
– Synchronous rectification (PWM)
Maximum Output Current (Imax)
Cycle by cycle
475
mA
D
ILIMIT
Current limitation
900
mA
A*
Efficiency at VSYS = 3.7V & Tamb=60°C
with proposed external components and
PCB layout
See Figure 35
D,E,
A*
12
Sleep Mode
– Pulse skipping (PSK)
Efficiency at VSYS = 3.7V & Tamb=60°C
with proposed external components and
PCB layout
See Figure 35
D,E,
A*
Table 45: Electrical Parameter for BUCK_V1P05S
10 Including DC accuracy, ripple and load regulation
11 Including DC accuracy, ripple and load regulation
12 RDSON measurement on ATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com