Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 93Page - Renesas Technology Corp DA6021 Datasheet HTML 94Page - Renesas Technology Corp DA6021 Datasheet HTML 95Page - Renesas Technology Corp DA6021 Datasheet HTML 96Page - Renesas Technology Corp DA6021 Datasheet HTML 97Page - Renesas Technology Corp DA6021 Datasheet HTML 98Page - Renesas Technology Corp DA6021 Datasheet HTML 99Page - Renesas Technology Corp DA6021 Datasheet HTML 100Page - Renesas Technology Corp DA6021 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
97 of 224
www.dialog-semiconductor.com
PSRR
Power supply
rejection ratio
50
dB
Noise = 0.1Vpp, 1-
10kHz, ½ Iout-DC
D,E
Vnoise
Output noise
50
100
µVRMS 10-100kHz, ½ Iout-DC
D,E
Table 54: Electrical Parameter for V1P2A
VREFDQ0:
Register Name
VREFDQ0_CTRL
Address
0x5E
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R
R/W
R/W
R/W
R/W
R/W
VREFDQVSEL
reserved
VREFDQ_
SEL
VREFDQ_E
N
VREFDQ_EN
0
1
VREFDQ0 enable
VREFDQ0 disable
VREFDQ_SEL
0
1
VREFDQ0 controlled by SLP_S4_B according sequencing
VREFDQ0 controlled by VREFDQ.VREFDQ_EN bit
Regardless of VREFDQ_EN and VREFDQ_SEL, VREFDQ0 is
disable when SLP_S4_B is asserted, means low
VREFDQVSEL[4:0]
00000
00001
00010
00011
…
11100
11101
11110
11111
0.600V
0.620V
0.640V
0.660V
…
1.160V
1.180V
1.200V
1.220V
VREFDQ1:
Register Name
VREFDQ1_VSEL
Address
0xC6
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R
R/W
R/W
R/W
R/W
R/W
VREFDQVSEL
reserved
VREFDQ
_SEL
VREFDQ
_EN
VREFDQ_EN
0
1
VREFDQ1 enable
VREFDQ1 disable
VREFDQ_SEL
0
1
VREFDQ1 controlled by SLP_S4_B according sequencing
VREFDQ1 controlled by VREFDQ.VREFDQ_EN bit
Regardless of VREFDQ_EN and VREFDQ_SEL, VREFDQ1 is
disable when SLP_S4_B is asserted, means low
VREFDQVSEL[4:0]
00000
00001
00010
00011
…
11100
11101
11110
11111
0.600V
0.620V
0.640V
0.660V
…
1.160V
1.180V
1.200V
1.220V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com