Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 17Page - Renesas Technology Corp DA6021 Datasheet HTML 18Page - Renesas Technology Corp DA6021 Datasheet HTML 19Page - Renesas Technology Corp DA6021 Datasheet HTML 20Page - Renesas Technology Corp DA6021 Datasheet HTML 21Page - Renesas Technology Corp DA6021 Datasheet HTML 22Page - Renesas Technology Corp DA6021 Datasheet HTML 23Page - Renesas Technology Corp DA6021 Datasheet HTML 24Page - Renesas Technology Corp DA6021 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
21 of 224
www.dialog-semiconductor.com
8. Pinning Information
The “_B” symbol at the end of a signal name indicates that the active or asserted state occurs when the
signal is at a low voltage level (active low). When the “_B” is not present after the signal name the signal is
asserted when the signal is at a high voltage level.
Pin Name
Pins
Power Domain
Description
Type
VCC
VCC_VIN
8
VSYS
VCC buck input supply
IP
VCC_GND
8
GND
VCC buck ground
IP
VCC_LX
8
VSYS
Quad phase switching
nodes
OP
VCC_FBP
1
VCC
VCC feedback positive
sense
IA
VCC_FBN
1
VCC
VCC feedback ground
sense
IA
VNN
VNN_VIN
8
VSYS
VNN buck input supply
IP
VNN_GND
8
GND
VNN buck ground
IP
VNN_LX
8
VSYS
Quad phase switching
nodes
OP
VNN_FBP
1
VNN
VCC feedback positive
sense
IA
V1P0A
V1P0A_VIN
2
VSYS
V1P0A buck input supply
IP
V1P0A_GND
2
GND
V1P0A buck ground
IP
V1P0A_LX
2
VSYS
V1P0A phase switching
nodes
OP
V1P0A_FBP
1
V1P0A
VCC feedback positive
sense
IA
V1P0A_FBN
1
V1P0A
VCC feedback negative
sense
IA
V1P05S
V1P05S_VIN
1
VSYS
V1P05S buck input supply
IP
V1P05S_GND
1
GND
V1P05S buck ground
IP
V1P05S_LX
1
VSYS
V1P05S phase switching
nodes
OP
V1P05S_FBP
1
V1P05S
V1P05S feedback sense
pos
IA
V1P05S_FBN
1
V1P05S
V1P05S feedback sense
neg
IA
VDDQ
VDDQ_VIN
4
VSYS
VDDQ buck input supply
IP
VDDQ_GND
4
GND
VDDQ buck ground
IP
VDDQ_LX
4
VSYS
VDDQ phase switching
nodes
OP
VDDQ_FBP
1
VDDQ
VDDQ feedback positive
sense
IA
VDDQ_FBN
1
VDDQ
VDDQ feedback negative
sense
IA
V1P8A
V1P8A_VIN
2
VSYS
V1P8A buck input supply
IP
V1P8A_GND
2
GND
V1P8A buck ground
IP
V1P8A_LX
2
VSYS
V1P8A phase switching
nodes
OP
V1P8A_FBP
1
V1P8A
V1P8A feedback positive
sense
IA
V1P8A_FBN
1
V1P8A
V1P8A feedback negative
sense
IA
V3P3A
V3P3A_VIN
3
VSYS
V3P3A buck boost input
supply
IP
V3P3A_GND
3
GND
V3P3A buck boost ground
IP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com