Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 37Page - Renesas Technology Corp DA6021 Datasheet HTML 38Page - Renesas Technology Corp DA6021 Datasheet HTML 39Page - Renesas Technology Corp DA6021 Datasheet HTML 40Page - Renesas Technology Corp DA6021 Datasheet HTML 41Page - Renesas Technology Corp DA6021 Datasheet HTML 42Page - Renesas Technology Corp DA6021 Datasheet HTML 43Page - Renesas Technology Corp DA6021 Datasheet HTML 44Page - Renesas Technology Corp DA6021 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
41 of 224
www.dialog-semiconductor.com
S rails
: V5P0S, VNN, V1P05S, V1P0S, V1P8S, V1P2S, V3P3S and V2P85S. They remain on in “SOC
S
0IX” state. They are turned off in “SOC S3” state.
SX rails
: VDDQ_VTT, V1P0SX and V1P2SX. They are on in “SOC S0” state. They are turned off in
“SOC S0IX” state.
Default On rails: VRs that are powered on during COLD BOOT by the power sequencing state
machine.
Defaults Off rails: VRs that are not powered on during COLD BOOT by the power sequencing state
machine. They are managed by the SOC. Their on/off status depends on a platform device or other
conditions.
Cold Boot
10.3.1
A cold boot sequence is followed whenever DA6021 is fully turning on the system from a powered-down state.
As such, a cold boot sequence begins at the “SOC G3” state, and terminates at the “SOC S0” state. Once all of
the rails are on, the COREPWROK signal will assert and the PLTRST_B will de-assert. This will effectively turn
on the SOC in order for it to begin executing code and controlling the system.
During this state transition, one or more of the sleep signals (SLP_S*_B) could be asserted at some point of
time. The VRs, LDOs, internal and external switches are turned on in the requested power sequence order into
normal operational.
Furthermore, the rails are turned on one at a time in a ramp-rate controlled manner (voltage slew rate limited) in
order to avoid battery inrush current situations that could cause shut down events.
All the triggers listed in the table below will cause DA6021 bringing up the SUS rails. After that, signals from the
SOC (SLP_S4_B, SLP_S3_B) are needed for DA6021 completing the cold boot sequence. Battery insertion is
used as an illustration of Cold Boot power sequence due to one of triggers.
Event
Conditions (all mandatory)
USB VBUS Inserted
(SVBUSDET)
 USBWAKEEN is set
 VSYS valid (after VBUS debounce satisfied)
 VBUS valid (after VBUS debounce satisfied)
 VBAT valid (SBATDET=1 and BATLOW_B=1)
AC/DC Adapter
Inserted
(SVDCINDET)
 ADPWAKEEN is set
 VSYS valid (after adapter debounce satisfied)
 VDCIN valid (after adapter debounce satisfied)
 VBAT valid (SBATDET=1 and BATLOW_B=1 if BATRMPDEN set, or BATLOW_B=1
if BATRMPDEN cleared).
Main Battery
Inserted
(SBATDET:01)
 BATWAKEEN is set
 VSYS valid (after battery detection debounce)
 VBAT valid (after battery detection debounce, BATLOW_B=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com