Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 20Page - Renesas Technology Corp DA6021 Datasheet HTML 21Page - Renesas Technology Corp DA6021 Datasheet HTML 22Page - Renesas Technology Corp DA6021 Datasheet HTML 23Page - Renesas Technology Corp DA6021 Datasheet HTML 24Page - Renesas Technology Corp DA6021 Datasheet HTML 25Page - Renesas Technology Corp DA6021 Datasheet HTML 26Page - Renesas Technology Corp DA6021 Datasheet HTML 27Page - Renesas Technology Corp DA6021 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
24 of 224
www.dialog-semiconductor.com
DRAMPWROK
1
VDDQ
Asserted after VDDQ
stable
OD
VCCAPWROK
1
VDDQ
Power good indication to
SoC
OD
COREPWROK
1
V3P3A
Power good indication to
SoC
OD
SUSPWRDNACK
1
V1P8A
power off indication for _A
power rails
ID
BATLOW_B
1
V1P8A
Indicating that battery
voltage is not high enough
to boot
OD
THERMTRIP_B
1
V1P8S
Catastrophic thermal
event, shut down all power
rails
ID
PROCHOT_B
1
V1P0S
Open drain output to SoC
indicating to limit the power
OD
SDMMC3_1P8_EN
1
V1P8S
1.8/3.3V selection for SD
card
0=3.3V
1=1.8V
ID
SDMMC3_PWR_EN_B
1
V1P8S
SD card power enable
1=off
ID
MODEM_OFF_B
1
V1P8A
Modem reset signal
OD
SDWN_B
1
V1P8A
System shut down warning
or SIM card removal
OD
RTCPOR
1
VRTC
Power on reset from
system to PMIC
ID
Low voltage
GPIOs
GPIO0P0_BATIDIN
1
GPIO0VDD
IOD
GPIO0P1_BATIDOUT
1
GPIO0VDD
IOD
GPIO0P[7:2]
6
GPIO0VDD
IOD
GPIO0VDD
1
V1P8A
Low voltage GPIO supply
IP
GPIO0GND
1
GND
Low voltage GPIO ground
IP
High voltage
GPIOs
GPIO1P0_UIBTN_B
1
GPIO1VDD
IOD
GPIO1P[7:1]
7
GPIO1VDD
IOD
GPIO1VDD
1
V3P3A/VSYS
High voltage GPIO supply
IP
GPIO1GND
1
GND
High voltage GPIO ground
IP
Burst control
unit
BCUDISA
1
V1P8A
BCU warning zone A
output disable signal
OD
BCUDISB
1
V1P8A
BCU warning zone B
output disable signal
OD
BCUDISCRIT
1
V1P8A
BCU critical zone output
disable signal
OD
PWM
PWM[2:0]
3
PWMVDD
PWM output signals
OD
PWMVDD
1
V1P8A
PWM supply voltage
IP
PWMGND
1
GND
PWM ground
IP
Display
BACKLIGHT_EN
1
V3P3A
Backlight enable
OD
PANEL_EN
1
V3P3A
LCD panel enable
OD
ADC
SYSTHERM[2:0]
3
VLP
System temperature
thermistor input
IA
BPTHERM0
1
VLP
Battery temperature input
of pack 0
IA
BPTHERM1
1
VLP
Battery temperature input
of pack 1
IA
BATID
1
VLP
Battery identification
IA
VBATSENSE
1
VBAT
battery sense voltage
IA
Test
PMICTEST
1
5V
Test pin
IA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com